công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78F651NAM bảng dữ liệu(PDF) 46 Page - ELAN Microelectronics Corp

tên linh kiện EM78F651NAM
Giải thích chi tiết về linh kiện  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAM bảng dữ liệu(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78F651NAM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78F651NAM Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
EM78F651N
8-Bit Microcontroller
42
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
Bit 9 (SHE):
System Halt Enable Bit.
0 : Enable
1 : Disable
Bits 8, 7, 6, 5 and Bit 4 ( C4, C3, C2, C1, C0 ): internal RC mode calibration bits.
Calibration Selection for Internal RC Mode
C4
C3
C2
C1
C0
*Cycle Time (ns)
*Frequency (MHz)
1
1
1
1
1
399
2.506
1
1
1
1
0
385
2.6
1
1
1
0
1
371
2.693
1
1
1
0
0
358
2.786
1
1
0
1
1
347
2.879
1
1
0
1
0
336
2.973
1
1
0
0
1
326
3.066
1
1
0
0
0
316
3.159
0
1
1
1
1
307
3.253
0
1
1
1
0
298
3.346
0
1
1
0
1
290
3.439
0
1
1
0
0
283
3.533
0
1
0
1
1
275
3.626
0
1
0
1
0
268
3.719
0
1
0
0
1
262
3.813
0
1
0
0
0
256
3.906
0
0
0
0
0
250
4.00
0
0
0
0
1
244
4.093
0
0
0
1
0
238
4.186
0
0
0
1
1
233
4.279
0
0
1
0
0
228
4.373
0
0
1
0
1
223
4.466
0
0
1
1
0
219
4.559
0
0
1
1
1
214
4.653
1
0
0
0
0
210
4.746
1
0
0
0
1
206
4.839
1
0
0
1
0
202
4.933
1
0
0
1
1
198
5.026
1
0
1
0
0
195
5.119
1
0
1
0
1
191
5.213
1
0
1
1
0
188
5.306
1
0
1
1
1
185
5.4
Note: 1. Theoretical values, an instance of the high frequency mode, are shown for reference
only. It depends on the process.
2. Similar way of calculation is also applicable for low frequency mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58