công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO7527CST6 bảng dữ liệu(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO7527CST6
Giải thích chi tiết về linh kiện  5.5V Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7527CST6 bảng dữ liệu(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7527CST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7527CST6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DIO7527
www.dioo.com
© 2017 DIOO MICROCIRCUITS CO., LTD
DIO7527• Rev.1.0
Applicaion Information
Figure 2 Typical Characteristics Reference Schematic
Operation Information
DIO7527 is a current limited P-channel MOSFET power switch with over current, thermal shutdown, input UVLO
and output reverse-voltage condition.
Over-current Protection
When the over-current condition is detected, the switch is regulated to achieve constant output current. If the
over current condition lasts for a long time, and results in a junction temperature over 140°C, the switch will be
shutdown. Once the junction temperature drops to 120°C, the part will restart.
Supply Filter Capacitor
In order to prevent the input voltage from dropping during hot-plug condition, a 10µF ceramic capacitor from VIN
to GND is strongly recommended. However, higher capacitance could help reduce thevoltage drop. Further more
an output short will cause ringing on the input without the input capacitor. It could destroy the internal circuitry
when the input transient voltage exceeds the absolute maximum supply voltage even for a short duration.
Current Limiting Setting
Current limit is programmable to protect the power source from over current and short circuit conditions. Connect
a resistor RSET from ISET pin to GND to program the current limit:
IOS(A)=39K/Rset (Ω).
The minimum current limit is 0.4A. Current limit beyond 2A is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com