| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BCLP bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BCLP bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 67 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TL431ACD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBVRE4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBVTE4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBVTG4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBZR ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBZRG4 ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBZT ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDBZTG4 ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDCKR ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDCKRE4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDCKRG4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDCKT ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDCKTE4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDCKTG4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431ACLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431ACLPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431ACLPM ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431ACLPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431ACP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type PACKAGE OPTION ADDENDUM www.ti.com 24-Mar-2008 Addendum-Page 1 |