công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM642 bảng dữ liệu(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM642
Giải thích chi tiết về linh kiện  Video/Imaging Fixed-Point Digital Signal Processor
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 bảng dữ liệu(HTML) 64 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 60Page - Texas Instruments TMS320DM642 Datasheet HTML 61Page - Texas Instruments TMS320DM642 Datasheet HTML 62Page - Texas Instruments TMS320DM642 Datasheet HTML 63Page - Texas Instruments TMS320DM642 Datasheet HTML 64Page - Texas Instruments TMS320DM642 Datasheet HTML 65Page - Texas Instruments TMS320DM642 Datasheet HTML 66Page - Texas Instruments TMS320DM642 Datasheet HTML 67Page - Texas Instruments TMS320DM642 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 176 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200L – JULY 2002 – REVISED JANUARY 2007
Table 3-8. DM642 Device Multiplexed Pin Configurations(1) (continued)
MULTIPLEXED PINS
DEFAULT
DEFAULT
DESCRIPTION
FUNCTION
SETTING
NAME
NO.
VP1D[8]/CLKR1
AD8
VP1D[7]/FSR1
AC7
By default, the McBSP1 peripheral, function is enabled
VP1D[6]/DR1
AD7
VP1EN bit = 0 (disabled) upon reset (MCBSP1EN bit = 1).
McBSP1
VP1D[5]/CLKS1
AE7
MCBSP1EN bit = 1
functions
To enable the Video Port 1 data pins, the VP1EN bit in the
(enabled)
VP1D[4]/DX1
AC6
PERCFG register must be set to a 1.
VP1D[3]/FSX1
AD6
VP1D[2]/CLKX1
AE6
VP0D[19]/AHCLKX0
AC12
VP0D[18]/AFSX0
AD12
By default, no function is enabled upon reset.
VP0D[17]/ACLKX0
AB13
To enable the Video Port 0 data pins, the VP0EN bit in the
VP0EN bit = 0 (disabled) PERCFG register must be set to a 1. (McASP0 control
VP0D[16]/AMUTE0
AC13
None
MCASP0EN bit = 0
pins are disabled).
VP0D[15]/AMUTEIN0
AD13
(disabled)
To enable the McASP0 control pins, the MCASP0EN bit in
VP0D[14]/AHCLKR0
AB14
the PERCFG register must be set to a 1. (VP0 upper data
VP0D[13]/AFSR0
AC14
pins are disabled).
VP0D[12]/ACLKR0
AD14
VP0D[8]/CLKR0
AE15
VP0D[7]/FSR0
AB16
By default, the McBSP0 peripheral function is enabled
VP0D[6]/DR0
AC16
VP0EN bit = 0 (disabled) upon reset (MCBSP0EN bit = 1).
McBSP0
VP0D[5]/CLKS0
AD16
MCBSP0EN bit = 1
functions
To enable the Video Port 0 data pins, the VP0EN bit in the
(enabled)
VP0D[4]/DX0
AE16
PERCFG register must be set to a 1.
VP0D[3]/FSX0
AF16
VP0D[2]/CLKX0
AF17
XSP_CLK/MDCLK
R5
By default, no functions enabled upon reset (PCI is
disabled).
To enable the PCI peripheral, an external pullup resistor
PCI_EN = 0 (disabled)(1) (1 k
Ω) must be provided on the PCI_EN pin (setting
None
MAC_EN = 0
PCI_EN = 1 at reset)
XSP_DO/MDIO
P5
(disabled)(1)
To enable the MDIO peripheral (which also enables the
EMAC peripheral), an external pullup resistor (1 k
Ω) must
be provided on the MAC_EN pin (setting MAC_EN = 1 at
reset)
HAS/PPAR
P3
HAS
HCNTL1/PDEVSEL
P1
HCNTL1
HCNTL0/PSTOP
R3
HCNTL0
HDS1/PSERR
R2
HDS1
By default, HPI is enabled upon reset (PCI is disabled).
HDS2/PCBE1
T2
HDS2
To enable the PCI peripheral, an external pullup resistor
PCI_EN = 0 (disabled)(1)
HR/W/PCBE2
M1
HR/W
(1 k
Ω) must be provided on the PCI_EN pin (setting
HHWIL
PCI_EN = 1 at reset).
HHWIL/PTRDY
N3
(HPI16 only)
HINT/PFRAME
N4
HINT
HCS/PPERR
R1
HCS
HRDY/PIRDY
N1
HRDY
Device Configurations
64
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com