công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

078092 bảng dữ liệu(PDF) 2 Page - Brady Worldwide, Inc.

tên linh kiện 078092
Giải thích chi tiết về linh kiện  Photoluminescent Area Marking
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BRADY [Brady Worldwide, Inc.]
Trang chủ  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

078092 bảng dữ liệu(HTML) 2 Page - Brady Worldwide, Inc.

  078092 Datasheet HTML 1Page - Brady Worldwide, Inc. 078092 Datasheet HTML 2Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
177
INSIST ON BRADY QUALITY !
Anti-Skid Products
Primary Glue
To be used on porous or irregular surfaces. Neoprene based this
glue is particularly resistant to water, oil and grease.
Part No.: 278101
Roll-Mounted Anti-Skid Tape
Anti-Skid tape’s high degree of friction helps to prevent slipping and falling on wet or slippery
floors. Rugged Polyester is an adhesive backed plastic tape coated with thousands of particles
of durable aluminium oxide grit.
• Bonds permanently to clean, dry floors.
• Works indoors or outdoors.
• Withstands grease and oil.
• Eliminates masking clean-up and drying time.
Length: 18 m
Standard Package: 1 roll
Anti-Skid Tape-Die-Cut Cleats
Installation is easy, just peel off protective liner and press in place.
Material: Adhesive backed plastic cleat
Standard package: 50 cleats
Reflective & Glow-in-the-Dark Die-Cut Cleats
Provides an extra margin of safety at night, during blackouts or in
low light conditions.
Standard Package: 24 cleats
Colour
Size mm.
Part No.
Black
19 x 600
078192
Black
150 x 600
078195
Black
140 x 140
078196
Red
140 x 140
078177
Description
Size mm.
Part No.
Reflective
150 x 600
078161
Glow-in-the-dark
150 x 600
078162
25 mm
50 mm
75 mm
100 mm
150 mm
078146
078147
078148
078149
078150
Striped Anti-Skid Tape
This bright yellow and black striped Anti-Skid Tape aids visibility.
Material: Adhesive backed plastic tape, oxide grit coated.
Standard Package: 1 roll (18 m)
Colour: Black/Yellow
Colour
Width in mm
25
50
100
150
300
Black
078189
078190
078191
078193
078194
Yellow
078091
078092
Brownish Red
078197
078198
078199
White/grey
078187
Clear
078188
Fluorescent Yellow
078183
Fluorescent Green
078182
Fluorescent Orange
078184
only indoor use
Anti-Skid Tape/Hazard Marking Die-Cut Cleats
The Anti-skid tape provides traction on slick floors,
while the printed message signals a visual warning.
Standard Package: 24 cleats
Legend
Size
Part No.
Caution
15 cm x 60 cm
078160
Watch your step
15 cm x 60 cm
078163
Edge Sealing Compound
Prevents tape edges from lifting in high traffic areas.
Part No.: 278100



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com