| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLPRE3 bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLPRE3 bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 67 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TL431BIDBVTE4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDBVTG4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDBZR ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDBZRG4 ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDBZT ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDBZTG4 ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDCKR ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDCKRE4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDCKRG4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDCKT ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDCKTE4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDCKTG4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BIDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL431BILP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431BILPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431BILPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431BILPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type TL431BIP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TL431BIPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TL431BIPK ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR TL431BIPKG3 ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR TL431BQD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM PACKAGE OPTION ADDENDUM www.ti.com 24-Mar-2008 Addendum-Page 6 |