công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LCANLP1015 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện LCANLP1015
Giải thích chi tiết về linh kiện  698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, V-pol, Type N Female connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1015 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANLP1015 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1015 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1015 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1015 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCANLP1015 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi,
Log Periodic Antenna, V-pol, Type N Female connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, V-pol, Type N Female connector LCANLP1015
Features
•
Frequency coverage for 698 MHz to 6000 MHz
•
Very High Gain 11 dBi Directional Antenna
•
Each connector covers wide band of frequencies
•
Easy Install universal mounting bracket provided
•
Weatherproof ABS – UV Resistance PVC radome
•
Pigtail - 8 inches
•
N-Type Female connector
Applications
•
Point-to-point, LPWAN, LoRA, LTE-M, NB-IoT, IoT, CBRS, M2M
applications
•
5G / 4G LTE B1 to B10, B12 to B20, B23, B22, B24, B25, B28 /
3G / GSM / AWS / WLAN/ CBRS operation supported
•
5G Bands supported
•
DAS (Distributed Antenna Systems)
•
IEEE 802.11a / b /g / n / ac / ad / ah/ ax Wi-Fi applications
•
Public safety, utilities, CCTV and local radio coverage
•
Smart cities expansion for coverage and IOT / IIOT
Description
The L-com LCANLP1015 is a high performance, wideband log periodic antenna designed to operate from 698 to 6000 MHz for point to
point communications. The LCANLP1015 from L-com has 11 dBi of gain and can be used for long distance directional communication
over a wide range of frequencies. The LCANLP1015 is ideal for boosting 5G, LTE, CMDA, LoRA, IoT, WIFI.
The log periodic LCANLP1015 has 50 vertical beamwidth and 65 horizontal beamwidth. This antenna has Vertical polarization and the
included mounting brackets allow for either vertical or horizontal mounting configurations. Log periodic antennas function as boost-
ers where the existing cellular signal is weak and needs to reach further distances. The L-com directional antenna has a 8 inches long
pigtail terminated with 1 Type N Female connector.
L-com’s 698 to 6000 MHz log periodic LCANLP1015 antenna with 11 dBi max gain for 5G DAS networks operates in bands n1, n2,
n3, n5, n7, n8, n12, n13, n14, n18, n20, n25, n26, n28, n29, n30, n34, n38, n39, n40, n41, n46, n47, n48, n53, n65, n66, n67, n67,
n70, n71, n77, n78,n79, n80, n81, n82, n83, n84, n85, n86, n89, n90, n91, n92, n93, n94, n95, n96, n97, n98. This 5G directional log
periodic antenna with N Female Type connector is in stock and ready to ship the same day. Contact our knowledgeable and friendly
technical support and sales staff for your answers on antennas or other L-com products.
Configuration
Design
Log Periodic
Band Type
Multi
Radiation Pattern
Directional
Polarization
Vertical
Cable Type
RG58U
Cable Length
7.87 in [199.9 mm]
Connector Type
N Female
Number of Ports
1
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
698
6,000
MHz
LCANLP1015


Số phần tương tự - LCANLP1015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
LCANLP1010 L-COM-LCANLP1010 Datasheet
454Kb / 4P
3400 MHz - 3600 MHz, 14 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
03/21/2022
LCANLP1011 L-COM-LCANLP1011 Datasheet
454Kb / 4P
5725 MHz - 5850 MHz, 16 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
03/21/2022
LCANLP1012 L-COM-LCANLP1012 Datasheet
417Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
03/31/2022
LCANLP1013 L-COM-LCANLP1013 Datasheet
418Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, V-pol, Type N Female connector
03/31/2022
LCANLP1014 L-COM-LCANLP1014 Datasheet
418Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
03/31/2022
More results

Mô tả tương tự - LCANLP1015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com