công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STMPE801 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện STMPE801
Giải thích chi tiết về linh kiện  8-bit port expander Xpander logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE801 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button STMPE801 Datasheet HTML 14Page - STMicroelectronics STMPE801 Datasheet HTML 15Page - STMicroelectronics STMPE801 Datasheet HTML 16Page - STMicroelectronics STMPE801 Datasheet HTML 17Page - STMicroelectronics STMPE801 Datasheet HTML 18Page - STMicroelectronics STMPE801 Datasheet HTML 19Page - STMicroelectronics STMPE801 Datasheet HTML 20Page - STMicroelectronics STMPE801 Datasheet HTML 21Page - STMicroelectronics STMPE801 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Interrupt, power supply & reset
STMPE801
18/26
All GPIO registers are named as GPxx, where
Xxx represents the functional group
The function of each bit is shown in the following table:
On power-up reset, all GPIO are set as input.
8.4
Power supply
STMPE801 GPIO operates from a separate supply pin (VIO). This dedicated supply pin
provides a level-shifting feature to the STMPE801.
GPIO will remain valid until VIO is removed.
The host system may choose to turn off VCC supply while keeping VIO supplied.
However it is not allowed to turn off supply to VIO, while keeping the Vcc supplied.
8.5
Reset
STMPE801 is equipped with an internal POR circuit that holds the device in reset state, until
the VIO supply input is valid. The internal POR is tied to the Vio supply pin.
The reset pin allows the host to reset the STMPE801 directly. Minimum pulse width of reset
signal is 100
µs.
During the period when reset pin is asserted, all GPIO default to inputs.
Bit
7
65
43
2
1
0
GPxx
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
Table 16. Pin function
Register Name
Function
GPIO Monitor Pin State
Reading this bit yields the current state of the bit. Writing has no effect.
GPIO Set Pin State
Writing ‘1’ to this bit causes the corresponding GPIO to go to ‘1’ state.
Writing ‘0’ to this bit causes the corresponding GPIO to go to ‘0’ state.
GPIO Set Pin Direction
‘0’ sets the corresponding GPIO to input state, and ‘1’ sets it to output
state. All bits are ‘0’ on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26