công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSA20F bảng dữ liệu(PDF) 3 Page - Clarke International

tên linh kiện CSA20F
Giải thích chi tiết về linh kiện  20 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARKE [Clarke International]
Trang chủ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA20F bảng dữ liệu(HTML) 3 Page - Clarke International

  CSA20F Datasheet HTML 1Page - Clarke International CSA20F Datasheet HTML 2Page - Clarke International CSA20F Datasheet HTML 3Page - Clarke International CSA20F Datasheet HTML 4Page - Clarke International CSA20F Datasheet HTML 5Page - Clarke International CSA20F Datasheet HTML 6Page - Clarke International CSA20F Datasheet HTML 7Page - Clarke International CSA20F Datasheet HTML 8Page - Clarke International CSA20F Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
• Due to the weight of the press, the help of an assistant will be beneficial
during assembly or when moving the press around.
• Always operate the press on a suitably strong bench with adequate light.
• Before starting work, check for signs of cracked welds, loose or missing bolts,
or any other structural damage. Do not operate if any of these conditions
exist. Have repairs made only by authorised service centre.
• Before work, always ensure that hydraulic hoses and couplings are
completely sound.
• Never tamper with the press components. The safety valve is calibrated and
sealed at the factory; do not attempt to change the setting.
• Use only the recommended hydraulic oil.
• The components of this press are designed to withstand the rated capacity.
Do not substitute any other components or exceed the rated capacity of the
press.
• Before applying pressure, always ensure the workpiece is firmly secure and
stable.
• Always clean up spills of hydraulic oil immediately as this can be dangerous
in a workshop environment.
• Do not allow any person who is unfamiliar with hydraulic presses, to use the
press unless they are under direct supervision.
• Do not stand directly in front of the press when it is in use.
• Always apply the load under the centre of the ram. Offset loads can
damage the ram and may cause the work piece to be ejected.
• Always ensure the work piece is properly supported by the press bed.
• When using accessories such as pressing plates, be certain they are
centered below the ram and are in full contact with the bed.
• Parts being pressed may shatter or be ejected from the press. In the case of
varied applications, it is your responsibility to always use adequate guards,
and wear eye protection and protective clothing when using this press.
• Keep hands and fingers away from parts that may pinch or shift.
• Never use extension tubes to increase the length of the pump handle.
Excessive effort can cause damage and/or accidents.
• Failure to heed these warnings may result in damage to the equipment, or
serious personal injury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com