| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CIS12/7SB bảng dữ liệu(PDF) 5 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CIS12/7SB bảng dữ liệu(HTML) 5 Page - Clarke International |
|
5 / 20 page ![]() 5 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 9. NEVER carry the wrench with your finger on the trigger. 10. NEVER abuse the mains cable of the battery charger. Never yank the cable to disconnect it from the socket. Keep the cable away from sharp edges/hot surfaces. 11. NEVER use this wrench for any purpose other than described in this booklet. 12. NEVER carry out any alterations or modifications to this product. 13. NEVER wipe the wrench clean with solvents. Wipe plastic parts with a soft cloth, slightly dampened with soapy water. 14. NEVER attempt any repairs yourself. If you have a problem with this product contact your local CLARKE dealer. 15. ALWAYS use an approved cable extension suitable for the power rating of the battery charger (see specifications), the conductor size should also be at least the same size or larger than that on the charger. When using a cable reel, always unwind the cable completely. IMPACT WRENCH SAFETY INSTRUCTIONS 1. Use only impact wrench sockets....DO NOT use standard sockets which could shatter and cause injury. 2. ALWAYS finish tightening nuts with a torque wrench to the correct torque as recommended by the vehicle manufacturer. 3. ALWAYS avoid excessive use of the wrench. When tightening a nut or bolt, always avoid over tightening. 4. ALWAYS ensure the wrench has stopped before putting it down after use. 5. ALWAYS set the forward/reverse selection bar to neutral when changing sockets or when the wrench is not required for immediate use. This will avoid accidental starting. LITHIUM-ION BATTERY USE AND CARE 1. Only use the wrench with the battery pack supplied. Use of any another battery pack may create a risk of injury and fire. 2. DO NOT charge the battery when the room temperature is below 10oC. DO NOT store the battery where the temperature may exceed 40oC (104oF) 3. When the battery pack is not in use, keep it away from metal objects that could make a connection from one terminal to another. Shorting the battery terminals together may cause burns or a fire. 4. Dispose of spent batteries correctly as they contain Lithium-ion. They are re- cyclable and should be taken to a recycling centre to be disposed of as stipulated by local regulations. DO NOT incinerated battery as it may |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |