| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD43DR bảng dữ liệu(PDF) 4 Page - LightGraphix |
|
|
|||||||||||||||||||||||||||||
LD43DR bảng dữ liệu(HTML) 4 Page - LightGraphix |
|
4 / 6 page ![]() LD43DR Data sheet issued: 8 April 2026 | Issue 7 T: +44 (0)1322 527 629 E: light@lightgraphix.co.uk www.lightgraphix.co.uk GLARE CONTROL OPTIONS /GS Glare shield An optional glare shield is available to further reduce glare from the LED and optic. This is useful in narrow details where people are going to walk directly over the fitting. This does not reduce the light on the lit surface (wall) but will cut out some light onto the ceiling. 2.4 58 Cut-Out Ø32 68 33 /480 Fixing Sleeve with ‘O’ rings Ø36 2.4 58 68 Ø27 Cut-Out Ø32 /SC Spring Clips 33 Ø36 Ø27 Scaled Drawings. Use common elemtents, such as surfaces. But keep cables to scale. Reduce lines, simplify drawing. LD43DR LD43DR with /GS43 Glare Shield 33 2.4 58 Cut-Out Ø32 68 33 /480 Fixing Sleeve with ‘O’ rings Ø36 2.4 58 68 Ø27 Cut-Out Ø32 /SC Spring Clips 33 Ø36 Ø27 Scaled Drawings. Use common elemtents, such as surfaces. But keep cables to scale. Reduce lines, simplify drawing. LD43DR LD43DR with /GS43 Glare Shield 33 |