| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD42-W-A-R-AR bảng dữ liệu(PDF) 3 Page - LightGraphix |
|
|
|||||||||||||||||||||||||||||
LD42-W-A-R-AR bảng dữ liệu(HTML) 3 Page - LightGraphix |
|
3 / 5 page ![]() Data sheet issued: 27 November 2023 | Issue 7 T: +44 (0)1322 527 629 E: light@lightgraphix.co.uk www.lightgraphix.co.uk LD42/W/A/R/AR Please refer to our finishes guide for full details AVAILABLE FINISHES DIMENSIONS AND FIXING ACCESSORIES /480 O-rings and sleeve Robust, watertight method of fixing. Dimensions in mm /SC Spring Clips /480 Fixing Sleeve with ‘O’ rings /SC Spring Clips /480 Fixing Sleeve with ‘O’ rings Cut-Out Ø32 Ø27 Ø36 10 2.4 27 35 /SC Spring clip fixing Provide a simple single-fix mounting method. Cut-Out Ø32 Ø27 Ø36 10 2.4 27 35 /SC Spring Clips /480 Fixing Sleeve with ‘O’ rings Cut-Out Ø32 Ø27 27 35 2.4 Ø36 10 Design: Sian Baxter Lighting Design Project: Private residence Product: LD42W POLISHED & PASSIVATED 316 STAINLESS STEEL > Marine Grade 316 Steel > Mirror like finish > Extremely durable > Passivated to extensively prolong resistance to corrosion and brown stains caused by oxidation in marine environments > Interior & exterior use 316 STAINLESS STEEL > Marine grade 316 Steel > Standard machined finish > Extremely durable > Passivation recommended for marine environments to prevent corrosion and build up of brown stains caused by oxidation > Interior & exterior use PAINT FINISH - WET SPRAY > White (RAL 9016), Black (RAL 9005), Antique Bronze, Satin Antique Brass, Satin Brass, Anthracite Grey (7016) or any RAL colour available > Not recommended for footlights in high traffic areas > Interior & exterior use FLAMED SOLID BRONZE > Solid Bronze > Hand finished Flamed Bronze unique to LightGraphix > Extremely durable with very high corrosion resistance > Please note a natural dark patination layer will form after long term exposure to the elements, the extent of this discolouration will be dependant on its location. > Interior & exterior use MACHINED BRASS > Solid CZ121 Brass > Standard machined finish > Corrosion resistance rated fair to excellent > Please note a natural green/brown patination layer will form after long term exposure to the elements, the extent of this discolouration will be dependant on its location. > Interior & exterior use |