công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LCANLP1008 bảng dữ liệu(PDF) 2 Page - Infinite Electronics International, Inc.

tên linh kiện LCANLP1008
Giải thích chi tiết về linh kiện  1920 MHz - 2170 MHz, 10 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1008 bảng dữ liệu(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANLP1008 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1008 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1008 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1008 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANLP1008 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
1920 MHz - 2170 MHz, 10 dBi, Log Periodic Antenna,
High Gain, V-pol, Type N Female connector
LCANLP1008
Gain
10
dBi
Front to Back Ratio
16
dB
Input Power
100
Watts
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
1.92 to 2.17
GHz
Gain
10
dBi
Horizontal HPBW
55
Degrees
Vertical HPBW
50
Degrees
Front to Back Ratio
16
dB
VSWR Max
1.5:1
Maximum Input Power
100
Watts
.
e
Mechanical Specifications
Radome Material
ABS
Size
Length
5.9 in [149.86 mm]
Width
4.7 in [119.38 mm]
Height
2.2 in [55.88 mm]
Weight
0.8 lbs [362.87 g]
Environmental Specifications
Temperature
Operating Range
-40 to +65 deg C
Wind Survivability
130.5 MPH [210.02 KPH]
Wind Loading
23.5 lbs at 100 MPH
36.2 lbs at 125 MPH
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
1920 MHz - 2170 MHz, 10 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector from L-com has same day shipment
for domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors, adapters and custom products as
well as lightning and surge protectors, NEMA rated enclosures, and an RF product line which includes antennas, amplifiers, passive,



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com