| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M616Z08 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M616Z08 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() M616Z08 2/14 TABLE OF CONTENTS DESCRIPTION ...... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....3 44-pin Connections (Figure 3.) . . . ....... ...... ....... ...... ....... ...... ...... ..... 3 MAXIMUM RATING... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....4 Absolute Maximum Ratings (Table 2.) .... ...... ....... ...... ....... ...... ...... ..... 4 DC AND AC PARAMETERS. . ...... ....... ...... ....... ...... ....... ...... ...... .....5 DC and AC Measurement Conditions (Table 3.) . . . ....... ...... ....... ...... ...... .....5 AC Testing Load Circuit (Figure 4.) ....... ...... ....... ...... ....... ...... ...... .....5 Capacitance (Table 4.) . . . ...... ....... ...... ....... ...... ....... ...... ...... .....5 DC Characteristics (Table 5.) .... ....... ...... ....... ...... ....... ...... ...... .....6 OPERATION . ....... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....6 READ Mode...... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....6 Address Controlled, READ Mode AC Waveforms (Figure 5.) ...... ....... ...... ...... .....6 Chip Enable or Output Enable Controlled, READ Mode AC Waveforms (Figure 6.). . ...... .....7 READ Mode AC Characteristics(Table 6.) . ...... ....... ...... ....... ...... ...... ..... 7 WRITEMode ..... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....8 WRITE Enable Controlled, WRITE Mode AC Waveforms (Figure 7.) ....... ...... ...... .....8 Chip Enable Controlled, WRITE Mode AC Waveforms (Figure 8.) .. ....... ...... ...... .....8 WRITEMode AC Characteristics (Table 7.) ...... ....... ...... ....... ...... ...... .....9 “Operational” Mode ...... ...... ....... ...... ....... ...... ....... ...... ...... ....10 Noise Immunity ... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....10 WE(0,1) Statesduring Access (Table 8.) .. ...... ....... ...... ....... ...... ...... ....10 Operating Modes (Table 9.)...... ....... ...... ....... ...... ....... ...... ...... ....10 PART NUMBERING .. ...... ...... ....... ...... ....... ...... ....... ...... ...... ....11 PACKAGE MECHANICAL INFORMATION . . . ...... ....... ...... ....... ...... ...... ....12 REVISION HISTORY. . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....13 |