| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M58WR128EB bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR128EB bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 87 page ![]() 85/87 M58WR128ET, M58WR128EB Table 47. Command Interface States - Lock Table, Next Output Note: 1. CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple Enhanced Fac- tory Program, P/E. C. = Program/Erase Controller. 2. EFP and Quad EFP exit when Block Address is different from first Block Address and data is FFFFh. 3. If the P/E.C. is active, both cycles are ignored. 4. Illegal commands are those not defined in the command set. Current CI State Next Output State After Command Input Lock/CR Setup(3) OTP Setup (3) Block Lock Confirm Block Lock-Down Confirm Set CR Confirm EFP Exit, Quad EFP Exit (2) Illegal Command (4) P/E. C. Operation Completed Program Setup Status Register Output Unchanged Erase Setup OTP Setup Program in Erase Suspend EFP Setup EFP Busy EFP Verify Quad EFP Setup Quad EFP Busy Lock/CR Setup Status Register Array Status Register Output Unchanged Lock/CR Setup in Erase Suspend OTP Busy Status Register Output Unchanged Array Output Unchanged Output Unchanged Ready Status Register Output Unchanged Array Output Unchanged Output Unchanged Program Busy EraseBusy Program/Erase Program in Erase Suspend Busy Program in Erase Suspend Suspended |