công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO2210MP8 bảng dữ liệu(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO2210MP8
Giải thích chi tiết về linh kiện  Comparator and Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2210MP8 bảng dữ liệu(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2210MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DIO221X
Version 1.1, Feb 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
6
_____
RESET
_____
RESET threshold (5)
1.1
V
Logic input impedance
2
MΩ
Minimum
_____
RESET pulse
duration
0.5
μs
_____
RESET propagation delay
0.51
μs
Note:
(1) Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling
edge on the noninverting input of the comparator; see Figure 6.
(2) Guaranteed by design.
(3) VID refers to the differential voltage at the comparator inputs.
(4) Pulling the open-drain output to the range of 3 V to 40 V is permissible, regardless of VS.
(5) The
___________
RESET input has an internal 2 MΩ (typical) pulldown. Leaving
___________
RESET open results in a low state, with
transparent comparator operation.
(6) Specifications subject to change without notice.
6.3. General
The values are obtained under these conditions unless otherwise noted: TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV,
RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ connected from CMPOUT to VS, and CMPIN = 1 V.
Symbol
Parameter
Conditions
Min Typ Max Unit
Power supply
IQ
Quiescent current
VOUT = 2 V, no load
470
620
μA
Comparator power-on reset
threshold
1.85
V
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16