công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO2186BST5 bảng dữ liệu(PDF) 15 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO2186BST5
Giải thích chi tiết về linh kiện  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186BST5 bảng dữ liệu(HTML) 15 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186BST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
11
By applying a voltage to the REF pin, the current flowing in both directions can be measured. The voltage
applied to the REF pin (VREF) sets the output state corresponding to the zero-input state. Then the output
increases above VREF in response to positive differential signals (relative to the IN– pin) and decreases
below VREF for negative differential signals. The reference voltage applied to the REF pin can be adjusted
anywhere between 0 V and VS. For bidirectional applications, VREF is commonly set to VS/2 to provide an
equal signal range for currents flowing in both directions. However, in some instances, VREF may be set to a
value other than VS/2, such as when the bidirectional current or output signal range does not require
symmetry. In this configuration, use of the amplifier output as a single-ended signal is not recommended
because the internal impedance shifts can adversely affect device performance specifications.
A less-frequently used output biasing method is to connect the REF pin to the power-supply voltage VS. In
this configuration, the output voltage saturates approximately 20 mV below the supply rail when the
differential input voltage is zero. This condition mirrors the output saturation near ground level observed
when the REF pin is tied to ground with zero differential input. Here, the output voltage only responds to
currents generating a negative differential input voltage with respect to the device’s IN- pin. As the negative
differential input signal increases, the output voltage decreases from the saturated supply voltage. It is
critical to ensure that the voltage applied to the REF pin does not exceed VS.
Figure 11. Unidirectional and bidirectional application
8.8.3. Input differential overload
When (VIN+ – VIN–) × the gain > voltage swing specifications, the DIO2186 drives its output near the positive
supply or ground rail, resulting in inaccurate measurement of the differential input voltage. To prevent this
operating condition during normal circuitry function, the shunt resistor value should be reduced or a
lower-gain variant used in combination with the selected sense resistor. In the event of a time-limited
differential overload fault, the DIO2186 output recovers to its expected level approximately 10 µs after the
fault is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com