công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO2186ESC6 bảng dữ liệu(PDF) 20 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO2186ESC6
Giải thích chi tiết về linh kiện  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186ESC6 bảng dữ liệu(HTML) 20 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186ESC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO2186ESC6 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
16
Figure 16. Microamp current measurement
9.6. Design requirements
The design requirements for the circuit is shown below.
Table 1. Design parameters
Symbol
Design parameter
Example value
VS
Power-supply voltage
5 V
VCM
Bus supply rail
12 V
IMI
Minimum sense current
1 µA
IMAX
Maximum sense current
150 µA
Gain
Device gain
25 V/V
VREF
Reference voltage
0 V
9.6.1. Detailed design procedure
The maximum value of the current-sense resistor is calculated based on choice of gain, value of the
maximum current the be sensed (IMAX), and the power-supply voltage (VS). When operating at the maximum
current, the output voltage should be less than the positive output swing specification VSP.
Gain
I
V
R
MAX
SP
Shunt
×
<
(6)
However, a resistance value of 1 kΩ must be used as this value exceeds the maximum recommended
value of RShunt. When operating at the minimum current value, IMIN the output voltage must be greater than
the swing to GND (VSN). In this situation, the output voltage at the minimum current can be calculated to be
25 mV, which is greater than the value for VSN.
Gain
R
I
V
SENSE
MIN
OUTMIN
×
×
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com