| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DIO1713 bảng dữ liệu(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1713 bảng dữ liệu(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD |
|
2 / 11 page ![]() DIO1713 www.dioo.com © 2024 DIOO MICROCIRCUITS CO., LTD DIO1713• Rev. 1.4 Pin Assignment Figure 1. SOP-16/TSSOP-16 (Top view) Pin Descriptions Pin Name Description IN1 Digital control input. Its logic state controls the status of the Switch S1-D1. D1 Drain pin. Can be used as input or output. S1 Source pin. Can be used as input or output. NC Not internally connected. GND Ground pin. S4 Source pin. Can be used as input or output. D4 Drain pin. Can be used as input or output. IN4 Digital control input. Its logic state controls the status of the Switch S4-D4. IN3 Digital control input. Its logic state controls the status of the Switch S3-D3. D3 Drain pin. Can be used as input or output. S3 Source pin. Can be used as input or output. NC Not internally connected. VDD Power supply pin. S2 Source pin. Can be used as input or output. D2 Drain pin. Can be used as input or output. IN2 Digital control input. Its logic state controls the status of the Switch S2-D2. Table 1. Truth table Logic Switch 1,4 Switch 2,3 0 Off On 1 On Off |