công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO1412CMP8 bảng dữ liệu(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO1412CMP8
Giải thích chi tiết về linh kiện  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412CMP8 bảng dữ liệu(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412CMP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
9
9. Function Description
The DIO1412 is temperature sensor chip compatible with SMBus (or I2C) communication protocol. The chip can
monitor one internal temperature and can also monitor one external channel. The external channel can support
both PNP and diode-connected NPN temperature monitoring. The
_____
ALERT or
______
THERM /ADDR pin can be
asserted to achieve two levels of overtemperature alarm.
9.1. Operating modes
The DIO1412 have two operating modes, standby and active.
In the standby mode, the chip supports SMBus and I2C but does not conduct consecutive temperature detection.
Every time the one shot register is written (see section 12.7), the device detects all temperature channels for
once. After the temperature detection is completed, the device enters the standby mode again.
In the active mode, the chip performs consecutive temperature detection and updates the temperature data in
the registers and the value of the status registers (see section 12.2) in real-time. This is the default state.
9.2. External temperature detection
The DIO1412 can automatically detect whether the externally connected BJT is NPN or PNP. If the BJT is PNP,
the chip will automatically detect the beta value of PNP to configure the appropriate working state, so as to
achieve the high accuracy of temperature measurement (see section 12.1).
When the external PNP for temperature monitoring is a parasitic PNP with a low beta value, which will greatly
affect the accuracy of temperature measurement, the Beta Compensation will be enabled to reduce the
temperature errors.
In applications, the temperature measurement accuracy may be affected by the series resistances introduced by
the long trace on the PCB and the welding resistances at the ports. The Resistance Error Correction integrated
into the DIO1412 can minimize the temperature errors caused by these series resistances.
The non-ideal factor, η, varies with different types of BJTs will also affect the accuracy of external temperature
measurement. The DIO1412 has individual non-ideal factor configuration register for each channel (see section
12.3), the value of which can be programmed by the user to obtain accuracy temperature monitoring.
9.3. Overtemperature alarm
The DIO1412 has
______
THERM/ADDR output pin and
_____
ALERT output pin for overtemperature alarm or fault event.
Both
______
THERM/ADDR and
_____
ALERT pins are open-drain outputs and require pull-up resistors.
9.3.1.
_____
ALERT pin
The
_____
ALERT pin is an open-drain output, so that a pull-up resistor is needed. It has two modes of operation,
named “Interrupt mode” and “Comparator mode”, which can be selected via the ALERT/COMP bit in the
Configuration Register (see section 12.3).
9.3.2. Interrupt mode
In the interrupt mode, the
_____
ALERT pin is asserted when any channel’s temperature measuring consecutively
out-of-limit (≥ High Limit or < Low Limit) conditions or fault conditions is detected for the programmed number of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36