công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO1412 bảng dữ liệu(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO1412
Giải thích chi tiết về linh kiện  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412 bảng dữ liệu(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
Table 2. Pin types
Pin Type
Description
Power
This pin is used to supply power or ground to the device.
AIO
Analog input/output. This pin is used as an I/O for analog signals.
DI
Digital input. This pin is used as a digital input. This pin is 5 V tolerant.
DIOD
Digital input/open-drain output. This pin is used as a digital I/O. When it is used as an output, it is open drain
and requires a pull-up resistor. This pin is 5 V tolerant.
OD
Open-drain digital output. This pin is used as a digital output. It is open-drain and requires a pull-up resistor.
This pin is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36