công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9122 bảng dữ liệu(PDF) 1 Page - Time Electronics Ltd.

tên linh kiện 9122
Giải thích chi tiết về linh kiện  Programmable DC Voltage Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TIME-ELECTRONICS [Time Electronics Ltd.]
Trang chủ  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9122 bảng dữ liệu(HTML) 1 Page - Time Electronics Ltd.

  9122 Datasheet HTML 1Page - Time Electronics Ltd. 9122 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Programming
The 9814 output is set by transmitting via
the IEEE (GPIB) bus a command that
represents the output voltage and polarity.
For example: the command -9.2142 will set
the output to -9.2142 volts. The 9814 will
automatically select the required range.
If required a particular range can be
selected by sending R1, R2, R3, R4, R5 or
R6 to select the 10mV, 100mV, 1 V, 10V,
100V or 1kV ranges respectively.
The
required output is then sent as normal. Pre-
selecting the range in this way will improve
the
output
setting
time
under
some
circumstances.
Group Execute Trigger Mode
In Group Execute Trigger mode, the
required output is stored until receipt of the
GET command.
9814
Programmable DC Voltage Calibrator
Time Electronics Limited, Botany Industrial Estate, Tonbridge, Kent, TN9 1RH.
Telephone: 01732 355993
Fax: 01732 770312
E-mail: mail@TimeElectronics.co.uk
Web page: www.TimeElectronics.co.uk
The
9814
is
a
high
performance
programmable D.C. Voltage Calibrator. By
combining the latest microprocessor and
linear circuit technology, exceptional long
term stability has been achieved. Computer
selection of the basic reference device
combined with high performance precision
resistors ensure a guaranteed 50 ppm per
year stability.
Outputs from 0 to 10V may be generated or
up to 1.2kV with the optional high voltage
board.
The high voltage board is fitted
internally and gives unit two extra ranges.
Construction is based on the standard Euro
card frame.
Each main section i.e.
Microprocessor Control, IEEE interface, D-A
Converter, Reference Amplifier etc. are
located on a separate plug in Euro boards.
All boards are easily accessible from the
instrument rear. The 9814 may be operated
in a manual mode with all controls located
on the front panel.
* 10mV to 10V D.C.
* 100V & 1kV ranges optional
* 0.01% accuracy
* 30% overrange on all ranges
* IEEE/GPIB/HPIB/IEC bus compatible
Introduction
V5 21/10/03


Số phần tương tự - 9122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Altech corporation
91220 ALTECH-91220 Datasheet
221Kb / 4P
KU4000 Enclosure Series
logo
Brady Worldwide, Inc.
91220 BRADY-91220 Datasheet
320Kb / 1P
Visual Workplace Marking
logo
Weidmuller
912201 WEIDMULLER-912201 Datasheet
1Mb / 17P
Weidmuller interface units
logo
Brady Worldwide, Inc.
91224 BRADY-91224 Datasheet
320Kb / 1P
Visual Workplace Marking
91227 BRADY-91227 Datasheet
320Kb / 1P
Visual Workplace Marking
More results

Mô tả tương tự - 9122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com