| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2513I bảng dữ liệu(PDF) 44 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2513I bảng dữ liệu(HTML) 44 Page - SMSC Corporation |
|
44 / 48 page ![]() Industrial Temperature Rated USB 2.0 High-Speed 3-Port Hub Controller Datasheet Revision 1.98 (11-19-07) 44 SMSC USB2513i DATASHEET Note 5.1 Output leakage is measured with the current pins in high impedance. Note 5.2 See USB 2.0 Specification for USB DC electrical characteristics. IO-U (Note 5.2) Supply Current Unconfigured High-Speed Host Full-Speed Host ICCINTHS ICCINITFS 95 80 105 90 mA mA Supply Current Configured (High-Speed Host) 1 Port HS, 1 Port LS/FS 2 Ports @ LS/FS 2 Ports @ HS 3 Ports @ HS IHCH1C1 IHCC2 IHCH2 IHCH3 150 140 155 160 160 150 255 265 mA mA mA mA All supplies combined Supply Current Configured (Full-Speed Host) 1 Port 2 Ports 3 Ports IFCC1 IFCC2 IFCC3 125 125 125 140 140 140 mA mA mA All supplies combined Supply Current Suspend ICSBY 310 550 μA All supplies combined Supply Current Reset ICRST 100 350 μA All supplies combined Table 5.1 DC Electrical Characteristics (continued) PARAMETER SYMBOL MIN TYP MAX UNITS COMMENTS |