| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CFC100 bảng dữ liệu(PDF) 9 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CFC100 bảng dữ liệu(HTML) 9 Page - Clarke International |
|
9 / 12 page ![]() 9 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com STORAGE ALWAYS get assistance when folding the crane into its storage configuration. 1. When storing, the stabiliser must be locked in the down position. You may need to tilt the crane back slightly to position the stabiliser correctly . 2. With an assistant supporting the crane, pull out the ‘R’ clip (27), which secures the front leg lock pin, then pull out the lock pin. 3. Raise the leg up to the storage position. 4. Replace the leg lock pin (26), through the hole provided in the frame so that the leg is locked in the up position, 5. Replace the ‘R’ clip to secure the locking pin. 6. The pump handle (19) is housed in a bracket on the side of the main support post (20). 7. Once the crane is folded use extreme care when moving it to the storage location. STORAGE WARNINGS 1. The crane MUST be firmly secured to a wall or fixed location when not in use. 2. Use a strong strap or chain or suitable restraint to prevent any accidental movement. 3. Test that the crane is firmly secured before leaving it in its storage location. Alternatively you can lay the crane down and store it flat. Always secure the jib in its lowest position. During use The stabiliser should be placed in the up position and locked in place using the heavy duty R Clip (30) During storage The stabiliser should be placed in the down position and locked in place using the heavy duty R Clip (30) |