công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A7TRSSB bảng dữ liệu(PDF) 1 Page - Optronics International

tên linh kiện A7TRSSB
Giải thích chi tiết về linh kiện  Trim Rings for 6" Oval Sealed Flange Mount Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTRONICS [Optronics International]
Trang chủ  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

A7TRSSB bảng dữ liệu(HTML) 1 Page - Optronics International

  A7TRSSB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
6” OVAL FLANGE COVERS
Trim Rings for 6” Oval Sealed Flange Mount Lights
Choose from stainless steel, chrome­plated plastic and red reflex models
A7TRSSB mounts to STL75AMFB flange using screws
A78CB1 and A78RXB snap onto flange/surface mount lights
A78RXB fulfills rear reflex function, eliminating the need for a separate reflector
A178TRSSB fits STL78, STL178, STL73, STL002, STL111, STL211, and STL1211
series lights
Available in bulk and polypack packaging
Products
Bulk
Polypack
Diodes
Description
Qty
A78CB1
A78CB1P
Chrome­plated plastic, snap­on trim ring for
surface flange mount lights (STL73,
STL78/88 & STL178)
25
A211NCCB
A211NCCBP
Snap­on bezel for STL211/1211 series;
ready for finish
50
A78RXB
A78RXBP
Red reflex snap­on trim ring, FMVSS "A"
25
A78CXB
A78CXBP
Clear reflex snap­on trim ring
25
A211RXB
A211RXBP
Red reflex flange ring for
STL111RCFB/STL211XRFHB series lights
25
A178TRSSB
A178TRSSBP
Stainless steel screw mount trim ring for
surface flange mount lights (fits
STL73/78/002/111/211/1211 series)
50
A7TRSSB
A7TRSSBP
Stainless steel trim ring, screw mount
(STL75/175)
100
A78NCCBB
A78NCCBBP
Snap­on trim ring for surface flange mount
lights (STL78 & STL178), black
50
A78NCCB
A78NCCBP
DISCONTINUED ­ Snap­on trim ring for
surface flange mount lights (STL78 &
STL178), paintable finish
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Stainless steel
VOLT/AMP:
WT/DIMS:
.066 lb. / 8” x 3.438” x 0.188”
WARRANTY:


Mô tả tương tự - A7TRSSB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
MX150L??4 Circuit Rear Mount Flange Sealed
logo
Fuji Electric
EDS6-128C FUJI-EDS6-128C Datasheet
133Kb / 4P
EQUALIZING VALVE, OVAL FLANGE
logo
Grayhill, Inc
88-162 GRAYHILL-88-162 Datasheet
379Kb / 5P
Sealed, Flange Mounted
88AB2-172 GRAYHILL-88AB2-172 Datasheet
379Kb / 5P
Sealed, Flange Mounted
logo
Visual Communications C...
131A-303R VCC-131A-303R Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
logo
Molex Electronics Ltd.
19436-0414 MOLEX11-19436-0414 Datasheet
56Kb / 1P
MX150L 4 Circuit Rear Mount Flange Sealed Panel Mount Plug for 8 AWG Wire
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
SLIP RINGS
logo
Molex Electronics Ltd.
0194360214 MOLEX1-0194360214_18 Datasheet
45Kb / 1P
MX150L 2 Circuit Rear Mount Flange Sealed Panel Mount Plug for 8 AWG Wire
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com