công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATC12VB bảng dữ liệu(PDF) 2 Page - Clarke International

tên linh kiện ATC12VB
Giải thích chi tiết về linh kiện  TRICKLE CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARKE [Clarke International]
Trang chủ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ATC12VB bảng dữ liệu(HTML) 2 Page - Clarke International

  ATC12VB Datasheet HTML 1Page - Clarke International ATC12VB Datasheet HTML 2Page - Clarke International ATC12VB Datasheet HTML 3Page - Clarke International ATC12VB Datasheet HTML 4Page - Clarke International ATC12VB Datasheet HTML 5Page - Clarke International ATC12VB Datasheet HTML 6Page - Clarke International ATC12VB Datasheet HTML 7Page - Clarke International ATC12VB Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for selecting this Clarke Trickle Charger.
Read this manual before use. The warnings and cautions in this manual help
you use the trickle charger safely. Please store these instructions for future
reference.
RECOMMENDED USE
This charger must not be used for the charging of non-rechargeable batteries.
This charger is suitable for charging 12V lead acid, sealed lead-acid, GEL,
maintenance-free and AGM batteries of capacities up to 100Ah (Ampere
hours).
Check with your battery manufacturer if you are unsure about the suitability of
this charger for use with your battery.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com