công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP30751MB3 bảng dữ liệu(PDF) 1 Page - Electronic Components Ltd.

tên linh kiện CP30751MB3
Giải thích chi tiết về linh kiện  DUALSLIM CAT5e RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLIFF [Electronic Components Ltd.]
Trang chủ  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30751MB3 bảng dữ liệu(HTML) 1 Page - Electronic Components Ltd.

  CP30751MB3 Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
07/2022
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
DUALSLIM CAT5e RJ45 RIGHT ANGLE
METAL FEEDTHROUGH CONNECTOR
Material:
1. RJ45 In-Line Coupler: ABS UL94-V2
2. RJ45 In-Line Coupler Contact:
Phosphor Bronze, gold plating
3. PCB: FR4
4. Frame: Diecast, Nickel or Black plated
Performance:
1. T568A & T568B wiring.
2. Meet ISO/IEC 11801 and EN50173
3. Meet ANSI/TIA/EIA 568B.2
4. Rating 125VAC RMS 1.5A
5. Operating Temperatures: Min -10°C Max +60°C
VARIANTS
Part No.
CP30751M
RAFT DUALSLIM Cat5e RJ45 Nickel frame, CSK holes
CP30751MB
RAFT DUALSLIM Cat5e RJ45 Black metal frame, CSK holes
CP30751M3
RAFT DUALSLIM Cat5e RJ45 Nickel frame, M3 holes
CP30751MB3
RAFT DUALSLIM Cat5e RJ45 Black metal frame, M3 holes
CP30751M440
RAFT DUALSLIM Cat5e RJ45 Nickel frame, #4-40 holes
CP30751MB440 RAFT DUALSLIM Cat5e RJ45 Black metal frame, #4-40 holes
CP30751MX1
RAFT DUALSLIM Cat5e RJ45 Nickel frame, Ø3.2 PLAIN holes
CP30751MBX1
RAFT DUALSLIM Cat5e RJ45 Black metal frame, Ø3.2 PLAIN holes
Feedthrough Features
—
Fits standard
cutout.
rectangular
—
Front or rear mounting through the panel.
—
Various hole mounting options.
—
No soldering or punch termination. Use standard cable for each
connector style.
—
Low rear profile.
l 90° or right angle rear cable entry.
General:
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
Can be front or rear mounted in the panel


Số phần tương tự - CP30751MB3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Electronic Components L...
CP30752M CLIFF-CP30752M Datasheet
200Kb / 1P
DUALSLIM CAT.6 RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30752M3 CLIFF-CP30752M3 Datasheet
200Kb / 1P
DUALSLIM CAT.6 RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30752M440 CLIFF-CP30752M440 Datasheet
200Kb / 1P
DUALSLIM CAT.6 RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30752MB CLIFF-CP30752MB Datasheet
200Kb / 1P
DUALSLIM CAT.6 RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30752MB3 CLIFF-CP30752MB3 Datasheet
200Kb / 1P
DUALSLIM CAT.6 RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
More results

Mô tả tương tự - CP30751MB3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
logo
List of Unclassifed Man...
CP30205NM ETC-CP30205NM Datasheet
881Kb / 3P
METAL FEEDTHROUGH CONNECTORS
logo
Tripp Lite. All Rights ...
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
logo
Neutrik AG
NE8FDP-R NEUTRIK-NE8FDP-R Datasheet
107Kb / 3P
Right angle RJ45 feedthrough receptacle, D-shape metal flange with latch lock, mounting screws included
NE8FDP-R-B NEUTRIK-NE8FDP-R-B Datasheet
102Kb / 3P
Right angle RJ45 feedthrough receptacle, black D-shape metal flange with latch lock, mounting screws included
logo
Electronic Components L...
CP30220 CLIFF-CP30220 Datasheet
181Kb / 1P
CAT5e RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30222 CLIFF-CP30222 Datasheet
184Kb / 1P
CAT.6 RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30222S CLIFF-CP30222S Datasheet
181Kb / 1P
CAT.6 RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com