công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP30752MB bảng dữ liệu(PDF) 1 Page - Electronic Components Ltd.

tên linh kiện CP30752MB
Giải thích chi tiết về linh kiện  DUALSLIM CAT.6 RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLIFF [Electronic Components Ltd.]
Trang chủ  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30752MB bảng dữ liệu(HTML) 1 Page - Electronic Components Ltd.

  CP30752MB Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
07/2022
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
DUALSLIM CAT.6 RJ45 RIGHT ANGLE
METAL FEEDTHROUGH CONNECTOR
Material:
1. RJ45 In-Line Coupler: ABS UL94-V2
2. RJ45 In-Line Coupler Contact:
Phosphor Bronze, gold plating
3. PCB: FR4
4. Frame: Diecast, Nickel or Black plated
Performance:
1. T568A & T568B wiring.
2. Meet ISO/IEC 11801 and EN50173
3. Meet ANSI/TIA/EIA 568B.2
4. Rating: 125VAC RMS 1.5A
5. Operating Temperatures: Min -10°C Max +60°C
VARIANTS
Part No.
CP30752M
RAFT DUALSLIM Cat.6 RJ45 Nickel frame, CSK holes
CP30752MB
RAFT DUALSLIM Cat.6 RJ45 Black metal frame, CSK holes
CP30752M3
RAFT DUALSLIM Cat.6 RJ45 Nickel frame, M3 holes
CP30752MB3
RAFT DUALSLIM Cat.6 RJ45 Black metal frame, M3 holes
CP30752M440
RAFT DUALSLIM Cat.6 RJ45 Nickel frame, #4-40 holes
CP30752MB440 RAFT DUALSLIM Cat.6 RJ45 Black metal frame, #4-40 holes
CP30752MX1
RAFT DUALSLIM Cat.6 RJ45 Nickel frame, Ø3.2 PLAIN holes
CP30752MBX1
RAFT DUALSLIM Cat.6 RJ45 Black metal frame, Ø3.2 PLAIN holes
Feedthrough Features
—
Fits standard
cutout.
rectangular
—
Front or rear mounting through the panel.
—
Various hole mounting options.
—
No soldering or punch termination. Use standard cable for
each connector style.
—
Low rear profile.
l 90° or right angle rear cable entry.
General:
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
Can be front or rear mounted in the panel


Số phần tương tự - CP30752MB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Electronic Components L...
CP30751M CLIFF-CP30751M Datasheet
202Kb / 1P
DUALSLIM CAT5e RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30751M3 CLIFF-CP30751M3 Datasheet
202Kb / 1P
DUALSLIM CAT5e RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30751M440 CLIFF-CP30751M440 Datasheet
202Kb / 1P
DUALSLIM CAT5e RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30751MB CLIFF-CP30751MB Datasheet
202Kb / 1P
DUALSLIM CAT5e RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
CP30751MB3 CLIFF-CP30751MB3 Datasheet
202Kb / 1P
DUALSLIM CAT5e RJ45 RIGHT ANGLE METAL FEEDTHROUGH CONNECTOR
More results

Mô tả tương tự - CP30752MB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CP30205NM ETC-CP30205NM Datasheet
881Kb / 3P
METAL FEEDTHROUGH CONNECTORS
logo
Belden Inc.
R605001 BELDEN-R605001 Datasheet
236Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 Metal-Body RJ45 Cord Set, 1m
R601001 BELDEN-R601001 Datasheet
235Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 Metal-Body RJ45 Cord Set, 1m
logo
Neutrik AG
NE8FDP-R NEUTRIK-NE8FDP-R Datasheet
107Kb / 3P
Right angle RJ45 feedthrough receptacle, D-shape metal flange with latch lock, mounting screws included
NE8FDP-R-B NEUTRIK-NE8FDP-R-B Datasheet
102Kb / 3P
Right angle RJ45 feedthrough receptacle, black D-shape metal flange with latch lock, mounting screws included
logo
Electronic Components L...
CP30220 CLIFF-CP30220 Datasheet
181Kb / 1P
CAT5e RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30222 CLIFF-CP30222 Datasheet
184Kb / 1P
CAT.6 RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30222S CLIFF-CP30222S Datasheet
181Kb / 1P
CAT.6 RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com