công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAMAX36 bảng dữ liệu(PDF) 2 Page - Clarke International

tên linh kiện CAMAX36
Giải thích chi tiết về linh kiện  24, 30 & 36 INCH DRUM FANS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARKE [Clarke International]
Trang chủ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAMAX36 bảng dữ liệu(HTML) 2 Page - Clarke International

  CAMAX36 Datasheet HTML 1Page - Clarke International CAMAX36 Datasheet HTML 2Page - Clarke International CAMAX36 Datasheet HTML 3Page - Clarke International CAMAX36 Datasheet HTML 4Page - Clarke International CAMAX36 Datasheet HTML 5Page - Clarke International CAMAX36 Datasheet HTML 6Page - Clarke International CAMAX36 Datasheet HTML 7Page - Clarke International CAMAX36 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Drum Fan.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SPECIFICATIONS
MODEL
CAMAX24
CAMAX30
CAMAX36
Part No:
3231700
3231705
3231710
Manufacturer/place
of manufacture
Clarke International/made in China
Voltage:
230 V~ (50Hz) 230 V~ (50Hz) 230 V~ (50Hz)
Power consumption
330 W
315 W
410 W
Rated motor power input at opti-
mum energy efficiency
391 W
368 W
459 W
Fan Speeds
Setting 1
1304 rpm
880 rpm
880 rpm
Setting 2
1428 rpm
960 rpm
960 rpm
Max Air Flow
274 m3/m
401 m3/m
455 m3/m
Rated air flow at optimum
energy efficiency
1.116 m3/s
1.69 m3/s
2.242 m3/s
Rated air pressure at optimum
energy efficiency
110 Pa
70 Pa
65 Pa
RPM at at optimum energy
efficiency
1399 rpm
954 rpm
940 rpm
“Specific Ratio”(EU No 327/2011)
N/a
Dimensions (DxWxH) mm
740x280x755
910x350x925
1030x370x1080
Weight:
23.5 kg
34.2 kg
40.7 kg
Sound Power Measured
87 dB(A) LWa
84 dB(A) LWa
84 dB(A) LWa



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com