công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A71C1BAWN bảng dữ liệu(PDF) 2 Page - Optronics International

tên linh kiện A71C1BAWN
Giải thích chi tiết về linh kiện  Miscellaneous Trim Rings and Bezels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTRONICS [Optronics International]
Trang chủ  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

A71C1BAWN bảng dữ liệu(HTML) 2 Page - Optronics International

  A71C1BAWN Datasheet HTML 1Page - Optronics International A71C1BAWN Datasheet HTML 2Page - Optronics International A71C1BAWN Datasheet HTML 3Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bulk
Polypack
Diodes
Description
Qty
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
TRIM RINGS & BEZELS
Miscellaneous Trim Rings and Bezels
Trim rings, mounting bases and bezels available for several light series
Available in bulk and polypack packaging
Products
Bulk
Polypack
Diodes
Description
Qty
A68BBB
A68BBBP
Black stainless steel trim ring for STL68RB
20
A26BBB
A26BBBP
Trim ring for RVSTL25/26 combination tail
lights, black finish
25
A26CBB
A26CBBP
Trim ring for RVSTL25/26 combination tail
lights, chrome finish
25
A211CB1
A211CB1P
Chrome snap­on bezel for STL211 series
lights
25
A835B
A835BP
Chrome trim ring for LM835CB 3.65"
diameter LED accent light
00212317B
00212327P
M1 Series chrome bezel (polypack case
quantity: 20)
200
00212217B
00212227P
M3 Series chrome bezel (polypack case
quantity: 20)
500
00212117B
00212127P
M4 Series chrome bezel (polypack case
quantity: 20)
70
00212717B
00212727P
M5 Series chrome bezel (polypack case
quantity: 20)
500
00212717BB
00212717BBP
M5 Series black bezel (polypack case
quantity: 20)
500
3802071BZL
3802071BZLP
Single trim ring for Ultratek directional light
06001013B, black
30
3801071BZL
3801071BZLP
Double trim ring for Ultratek directional light
06001014B, black
30
A0028CRB
A0028CRBP
Chrome snap­on bezel for MCL0030 series
lights
50
A09BB
A09BBP
UCL09 trim ring, black
50
A09WB
A09WBP
UCL09 trim ring, white
50
A13B2B
A13B2BP
MCL/UCL13 base/bezel, black
100
A13C2B
A13C2BP
MCL/UCL13 base/bezel, chrome
100
A15CB
A15CBP
MCL15 base/bezel, chrome
100
A15CGB
A15CGBP
MCL15 base/bezel, chrome, with gasket
100
A17CB
A17CBP
Chrome bezel for MCL17 series
marker/clearance lights
100
A19BB
A19BBP
Black bezel for MCL19 series
marker/clearance lights
20
A21CHB
A21CHBP
ILL21 bezel, chrome
25
A41CBB
A41CBBP
Black plastic bezel for UCL41B
50
A41CRB
A41CRBP
Chrome plastic bezel for UCL41CB
50
A48CB
A48CBP
Chrome bezel for MCL48 & MCL73 series
lights
50
A64CRB
A64CRBP
Chrome base/bezel for STL64/264 series
lights
50
A68SSB
A68SSBP
Stainless steel snap­on trim ring for
STL68RB
20
A69BB
A69BBP
Base/bezel for STL69 & MCL70 bar style
lights, matte black
10
A69CB
A69CBP
Base/bezel for STL69 & MCL70 bar style
lights, chrome
10
A69RXCB
A69RXCBP
STL69RRXB base/bezel, chrome
10
A70ECBB
A70ECBBP
Black end cap for ILL70 series light
100
A70ECCRB
A70ECCRBP
Chrome end cap for ILL70 series light
100
A79CB
A79CBP
MCL78/88 and STL79/80/89 series
base/bezel, chrome
10
A871BB
Black bezel/mounting base for
STL871DSRDB
50
A94VB
A94VBP
Black steel visor for 7" round lights
25
BK42CB
BK42CBP
Steel mounting bracket for surface mount
marker lights, chrome plated
100
A64BB
A64BBP
Black base/bezel for STL64/264 series
lights
50
A87CB
A87CBP
DISCONTINUED ­ Chrome finish plastic
base and bezel for STL87 and MCL987
series bar style lights
25
A71C1BAWN
A71C1BAWNP
DISCONTINUED ­ Chrome base for
ILL71C1BAWN
25
24004TR71
24004TR71P
DISCONTINUED ­ Trim ring for Galaxy single
fixture 240047171B and 240047171LB,
black
50
24014TR71
24014TR71P
DISCONTINUED ­ Trim ring for Galaxy
double fixtures 240147171B and
240147171LB, black
50
06300004B
06300004P
DISCONTINUED ­ Single trim ring for
Stargazer directional light, black
150
825TR02
825TR02P
DISCONTINUED ­ Single trim ring for Unitek
directional lights 825L and 825LED, black
50
826TR02
826TR02P
DISCONTINUED ­ Double trim ring for Unitek
directional lights 826L and 826LED, black
75
A09CB
A09CBP
DISCONTINUED ­ UCL09 trim ring, chrome
50
A19CB
A19CBP
DISCONTINUED ­ Chrome bezel for MCL19
series marker/clearance lights
50
A13B210B
A13B210BP
DISCONTINUED ­ MCL/UCL13 base/bezel,
matte black, fits #10 screw
100
A13NCC2B
A13NCC2B2
DISCONTINUED ­ Base for MCL13 series,
unfinished
100
060102B
060102P
DISCONTINUED ­ Trim ring for Odyssey
directional light, black
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Various
VOLT/AMP:
WT/DIMS:
Various ­ see drawings
WARRANTY:
Three Year Warranty



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com