công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A43FMBB bảng dữ liệu(PDF) 2 Page - Optronics International

tên linh kiện A43FMBB
Giải thích chi tiết về linh kiện  Closed Cell Foam Gaskets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTRONICS [Optronics International]
Trang chủ  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

A43FMBB bảng dữ liệu(HTML) 2 Page - Optronics International

  A43FMBB Datasheet HTML 1Page - Optronics International A43FMBB Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
MOUNTING GASKETS
Closed Cell Foam Gaskets
Closed cell foam gaskets provide weather tight seal to mounting surface
Products
Bulk
Polypack
Diodes
Description
Qty
A0040GB
Gasket for MCL0040 series lights, black
250
A26GB
A26GBP
Gasket for RVSTL25/26 series lights, black
100
A001GB
A001GBP
GASKET FOR MCL001 SERIES
MARKER/CLEARANCE LIGHTS
100
A42FGB
A42FGBP
Gasket for STL42AB/RB and BUL11CFB
100
A0039GB
A0039GBP
Gasket for MCL0039 series, black
100
A13G2B
A13G2BP
Gasket for MCL/UCL13 series, black
200
A17GB
A17GBP
Gasket for MCL17 series, black
100
A19GB
A19GBP
Gasket for MCL19 series, closed cell, black
100
A27G1B
A27G1BP
Front mount gasket for UCL27CFB flush
mount flood light
100
A32TGB
A32TGBP
Mounting gasket for MC32 series, thin, white
1000
A42GB
A42GBP
Gasket for 4" flange mount lights, black
100
A44GTB
A44GTBP
Mounting gasket, thick, white
1000
A66GB
A66GBP
Gasket for MCL66 series, black
100
A69GB
A69GBP
Gasket for MCL70/STL69 series, black
50
A76GB
A76GBP
Gasket for MCL76
100
A179GB
A179GBP
Gasket for STL179RB bar style tail light
100
ALP57GB
ALP57GBP
EVA gasket for LPL57CGPG
1000
A43FMBB
A43FMBBP
DISCONTINUED ­ Gasket for STL43RBHX
50
ARVSTLGB
ARVSTLGBP
DISCONTINUED ­ Self adhesive gasket for
RVSTL10/11 tail lights
50
A90GB
A90GBP
DISCONTINUED ­ 5mm gasket for STL90
series
50
A42FCB
A42FCBP
DISCONTINUED ­ Chromed metal trim ring for
flange mount lights
100
A67P10G
A67P10GP
DISCONTINUED (see A67CBPG) ­ Kit:
Chrome bracket & single wire plug with .180
molded male bullet, 10" lead
100
A65PRXB
A65PRXBP
DISCONTINUED ­ Kit: Black bracket with red
reflector and single wire plug, .156 male
bullet
50
A52GB
A52GBP
DISCONTINUED ­ Gasket for MCL52 series,
black
100
A73GB
A73GBP
DISCONTINUED ­ Gasket for STL73 series,
non­adhesive, black
100
A32GB
A32GBP
DISCONTINUED ­ Mounting gasket for MC32
series, white
500
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
VOLT/AMP:
WT/DIMS:
WARRANTY:



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com