| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M74HCT161 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HCT161 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() TEST CIRCUIT ICC (Opr.) TOTAL OPERATING CURRENT WHEN USING A CAPACITIVE LOAD TYPICAL APPLICATION When the outputs drive a capacitive load, the total current can be calculated as follows : For M74HCT160/162 : ∆ lCC =fCK ⋅ VCC⋅ Ca 2 + Cb 5 + Cc 10 + Cd 10 + Cca 10 For M74HCT161/163 : ∆ lCC =fCK ⋅ VCC⋅ Ca 2 + Cb 4 + Cc 8 + Cd 16 + Cca 16 Ca to Cca are the capacitors loading the out- puts. M54/M74HCT160/161/162/163 11/16 |