| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647_0804 bảng dữ liệu(PDF) 163 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647_0804 bảng dữ liệu(HTML) 163 Page - Texas Instruments |
|
163 / 182 page ![]() TMS320DM647/TMS320DM648 Digital Media Processor www.ti.com SPRS372B – MAY 2007 – REVISED APRIL 2008 Table 6-77. Ethernet Switch Registers (continued) HEX ADDRESS RANGE REGISTER ACRONYM DESCRIPTION 0x02D0 31A4 RX_INTSTAT_MASKED CPDMA Rx Interrupt Status Register (masked value) 0x02D0 31A8 RX_INTMASK_SET CPDMA Rx Interrupt Mask Set Register 0x02D0 31AC RX_INTMASK_CLEAR CPDMA Rx Interrupt Mask Clear Register 0x02D0 31B0 DMA_INTSTAT_RAW CPDMA DMA Interrupt Status Register (raw value) 0x02D0 31B4 DMA_INTSTAT_MASKED CPDMA DMA Interrupt Status Register (masked value) 0x02D0 31B8 DMA_INTMASK_SET CPDMA DMA Interrupt Mask Set Register 0x02D0 31BC DMA_INTMASK_CLEAR CPDMA DMA Interrupt Mask Clear Register 0x02D0 31C0 RX0_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 0 0x02D0 31C4 RX1_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 1 0x02D0 31C8 RX2_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 2 0x02D0 31CC RX3_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 3 0x02D0 31D0 RX4_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 4 0x02D0 31D4 RX5_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 5 0x02D0 31D8 RX6_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 6 0x02D0 31DC RX7_PENDTHRESH CPDMA Rx Threshold Pending Register Channel 7 0x02D0 31E0 RX0_FREEBUFFER CPDMA Rx Free Buffer Register Channel 0 0x02D0 31E4 RX1_FREEBUFFER CPDMA Rx Free Buffer Register Channel 1 0x02D0 31E8 RX2_FREEBUFFER CPDMA Rx Free Buffer Register Channel 2 0x02D0 31EC RX3_FREEBUFFER CPDMA Rx Free Buffer Register Channel 3 0x02D0 31F0 RX4_FREEBUFFER CPDMA Rx Free Buffer Register Channel 4 0x02D0 31F4 RX5_FREEBUFFER CPDMA Rx Free Buffer Register Channel 5 0x02D0 31F8 RX6_FREEBUFFER CPDMA Rx Free Buffer Register Channel 6 0x02D0 31FC RX7_FREEBUFFER CPDMA Rx Free Buffer Register Channel 7 0x02D0 3200 TX0_HDP CPDMA Tx Channel 0 Head Desc Pointer 0x02D0 3204 TX1_HDP CPDMA Tx Channel 1 Head Desc Pointer 0x02D0 3208 TX2_HDP CPDMA Tx Channel 2 Head Desc Pointer 0x02D0 320C TX3_HDP CPDMA Tx Channel 3 Head Desc Pointer 0x02D0 3210 TX4_HDP CPDMA Tx Channel 4 Head Desc Pointer 0x02D0 3214 TX5_HDP CPDMA Tx Channel 5 Head Desc Pointer 0x02D0 3218 TX6_HDP CPDMA Tx Channel 6 Head Desc Pointer 0x02D0 321C TX7_HDP CPDMA Tx Channel 7 Head Desc Pointer 0x02D0 3220 RX0_HDP CPDMA Rx 0 Channel 0 Head Desc Pointer 0x02D0 3224 RX1_HDP CPDMA Rx 1 Channel 1 Head Desc Pointer 0x02D0 3228 RX2_HDP CPDMA Rx 2 Channel 2 Head Desc Pointer 0x02D0 322C RX3_HDP CPDMA Rx 3 Channel 3 Head Desc Pointer 0x02D0 3230 RX4_HDP CPDMA Rx 4 Channel 4 Head Desc Pointer 0x02D0 3234 RX5_HDP CPDMA Rx 5 Channel 5 Head Desc Pointer 0x02D0 3238 RX6_HDP CPDMA Rx 6 Channel 6 Head Desc Pointer 0x02D0 323C RX7_HDP CPDMA Rx 7 Channel 7 Head Desc Pointer 0x02D0 3240 TX0_CP CPDMA Tx Channel 0 Completion Pointer Register 0x02D0 3244 TX1_CP CPDMA Tx Channel 1 Completion Pointer Register 0x02D0 3248 TX2_CP CPDMA Tx Channel 2 Completion Pointer Register 0x02D0 324C TX3_CP CPDMA Tx Channel 3 Completion Pointer Register 0x02D0 3250 TX4_CP CPDMA Tx Channel 4 Completion Pointer Register 0x02D0 3254 TX5_CP CPDMA Tx Channel 5 Completion Pointer Register 0x02D0 3258 TX6_CP CPDMA Tx Channel 6 Completion Pointer Register 0x02D0 325C TX7_CP CPDMA Tx Channel 7 Completion Pointer Register Submit Documentation Feedback Peripheral Information and Electrical Specifications 163 |