công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2865000000 bảng dữ liệu(PDF) 3 Page - Weidmuller

tên linh kiện 2865000000
Giải thích chi tiết về linh kiện  BLZ 7.62/07/180B SN GN BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEIDMULLER [Weidmuller]
Trang chủ  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2865000000 bảng dữ liệu(HTML) 3 Page - Weidmuller

  2865000000 Datasheet HTML 1Page - Weidmuller 2865000000 Datasheet HTML 2Page - Weidmuller 2865000000 Datasheet HTML 3Page - Weidmuller 2865000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet
BLZ 7.62/07/180B SN GN BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Rated data acc. to IEC
 
tested acc. to standard
IEC 60664-1, IEC 61984
Rated current, min. number of poles
(Tu=20°C)
18.5 A
Rated current, max. number of poles
(Tu=20°C)
17 A
Rated current, min. number of poles
(Tu=40°C)
15 A
Rated current, max. number of poles
(Tu=40°C)
14.5 A
Rated voltage for surge voltage class /
pollution degree II/2
800 V
Rated voltage for surge voltage class /
pollution degree III/2
630 V
Rated voltage for surge voltage class /
pollution degree III/3
500 V
Rated impulse voltage for surge voltage
class/ pollution degree II/2
6000 V
Rated impulse voltage for surge voltage
class/ pollution degree III/2
6 kV
Rated impulse voltage for surge voltage
class/ contamination degree III/3
6 kV
Short-time withstand current resistance 3 x 1s with 120 A
 
Rated data acc. to CSA
 
Rated voltage (Use group B / CSA)
300 V
Rated voltage (Use group D / CSA)
300 V
Rated current (Use group B / CSA)
15 A
Rated current (Use group D / CSA)
10 A
Wire cross-section, AWG, min.
AWG 26
Wire cross-section, AWG, max.
AWG 12
 
Rated data acc. to UL 1059
 
Rated voltage (Use group B / UL 1059) 300 V
Rated voltage (Use group D / UL 1059) 300 V
Rated current (Use group B / UL 1059) 15 A
Rated current (Use group D / UL 1059) 10 A
Wire cross-section, AWG, min.
AWG 26
Wire cross-section, AWG, max.
AWG 12
 
Packing
 
Packaging
Box
VPE length
228.00 mm
VPE width
133.00 mm
VPE height
59.00 mm
 
Important note
 
IPC conformity
Conformity: The products are developed, manufactured and delivered according international
recognized standards and norms and comply with the assured properties in the data sheet resp.
fulfill decorative properties in accordance with IPC-A-610 "Class 2". Further claims on the products
can be evaluated on request.
Notes
• In accordance with IEC 61984, OMNIMATE-connectors are connectors without breaking
capacity (COC). During designated use, connectors are not allowed to be engaged or
disengaged when live or under load
• Long term storage of the product with average temperature of 50 °C and maximum humidity
70%, 36 months
 
Classifications
 
ETIM 8.0
EC002638
ETIM 9.0
EC002638
ETIM 10.0
EC002638
ECLASS 14.0
27-46-02-02
ECLASS 15.0
27-46-02-02
 
 
Creation date 28.02.2026 01:58:01 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com