| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CML3 bảng dữ liệu(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CML3 bảng dữ liệu(HTML) 4 Page - Clarke International |
|
4 / 16 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com ASSEMBLY & PREPARATION Check to ensure that no damage has occurred during transit. Any damage should be reported to your Clarke dealer immediately. Using a clean, level area, unpack the equipment, laying out the loose items. The motorcycle lift is packed flat in its lowest position. It is fully assembled, except for ancillary items which are fitted as follows. 1. Attach the largest foot lever, (A), to its square spigot on the base of the unit, with the foot pedal facing upwards and set at approximately 10 o‘clock - looking side on. 2. Attach the lowering pedal (B) in the manner shown in Fig.2. 3. Attach the safety plate (C), using the nuts, bolts and washers provided. This plate is essential to prevent accidental contact with the lowering pedal which could result in unexpected lowering of the table. 4. Attach the two castors (D), securing with the nuts bolts and washers provided. 5. Attach the ramp (E) by dropping the lugs into the holes in the table and securing with the ‘R’ clips provided. 6. CML3 - Pump the foot pedal very gently to begin with, to ensure that all parts are free. Continue to pump the pedal and observe the table rising. If any resistance is felt, investigate to ensure that no part is jammed by a loose or stray ancillary component. |