| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CFN bảng dữ liệu(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CFN bảng dữ liệu(HTML) 3 Page - Clarke International |
|
3 / 16 page ![]() 3 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com SAFETY WARNINGS SAFETY OF THE NAIL GUN 1. Check prior to use that the safety and triggering mechanism is functioning properly and that all nuts and bolts are tight. 2. DO NOT carry out any modifications to the nail gun. 3. DO NOT disassemble or make inoperative any parts of the nail gun such as the safety yoke. 4. DO NOT perform any "emergency repairs". 5. The nail gun should be serviced properly and at regular intervals in accordance with the instructions. 6. AVOID weakening or damaging the nail gun, for example by: • punching or engraving; • modification not authorised by the manufacturer; • guiding against templates made of hard material such as steel; • dropping or pushing across the floor; • using the equipment as a hammer; • applying excessive force of any kind. SAFETY AT WORK 1. NEVER point any operational staple/nail gun at yourself, any other person or animals. 2. Hold the staple/nail gun during the work operation in such a way that no injuries can be caused to the head or to the body in the event of a possible recoil. 3. NEVER actuate the staple/nail gun into free space. This will avoid any hazard caused by free flying fasteners and excessive strain on the tool. 4. The nail gun shall be disconnected from the compressed air system during transportation, especially where an unusual physical posture is adopted whilst moving. 5. Carry the staple/nail gun at the workplace using only the handle, and never with the trigger actuated. 6. Take conditions at the workplace into account. Fasteners can penetrate thin workpieces or slip off corners and edges of workpieces and thus put people at risk. 7. For personal safety, use protective equipment such as hearing and eye protection and safety gloves. |