| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M54HC693 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC693 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 23 page ![]() TRUTH TABLE INPUTS OUTPUS FUNCTION CCLR LOAD ENP ENT CCK RCLR RCK R/C G QA QB QC QD XXX X XXXX X Z Z Z Z HIGH IMPEDANCE L X X X (*) X X L L L L L L CLEAR COUNTER H L X X X X L L a b c d LOAD COUNTER H H L X X X L L NO CHANGE NO COUNT H H X L X X L L NO CHANGE NO COUNT H H H H X X L L COUNT UP COUNT UP H X X X X X L L NO CHANGE NO COUNT X X X X X L (*) H L L L L L CLEAR REGISTER X X X X X H H L a’ b’ c’ d’ LOAD REGISTER X X X X X H H L NO CHANGE NO LOAD (*) : X for HC690/691 for HC692/693 X : DON’T CARE Z : HIGH IMPEDANCE a-d : THE LEVEL OF STEADY STATE INPUTS AT INPUTS A THROUGHT D RESPECTIVELY. a’-d’ : THE LEVEL OF STEADY STATE OUTPUTS AT INTERNAL COUNTER OUTPUTS a’ through qd’ respectively HC690/692 RCO = QA • QD • ENT HC691/693 RCO = QA • QB • QC • QD • ENT BLOCK DIAGRAM M54/M74HC690/691/692/693 3/23 |