| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2CSS203997R0013 bảng dữ liệu(PDF) 5 Page - ABB |
|
|
|||||||||||||||||||||||||||||
2CSS203997R0013 bảng dữ liệu(HTML) 5 Page - ABB |
|
5 / 6 page ![]() Product Category Drive Part Category Robot Design Year Robotics Part Category ACS 1000 ACS1000 Switches, Relays, Contactors ACS 5000 Water Cooled ACS5000 Water-Cooled Switches, Relays, Contactors 3HAC020536-014 IRC5 M2004 Drive Module Product specific part data Identifier Description Quantity Unit Of Measure ACS 1000 No Description Available 1 piece ACS 5000 Water Cooled No Description Available 1 piece 3HAC020536-014 No Description Available 1 piece Where Used (as a spare part for "Products") Identifier Description Type Quantity Unit Of Measure 2CCA880100R0001 CMS-100PS Sensor CMS-100PS 1 piece 2CCA880101R0001 CMS-101PS Sensor CMS-101PS 1 piece 2CCA880102R0001 CMS-102PS Sensor CMS-102PS 1 piece 2CDS200909R0001 S2C-A1 - Shunt Trip S2C-A1 1 piece 2CDS200909R0002 S2C-A2 - Shunt Trip S2C-A2 1 piece 2CDS200912R0001 S2C-H6R - Auxiliary Contact S2C-H6R 1 piece 2CDS200918R0001 S2C-NT - Hand Operated Neutral S2C-NT 1 piece 2CDS200922R0001 S2C-S/H6R - Signal / Auxiliary Contact S2C-S/H6R 1 piece 2CDS200936R0001 S2C-H11L - Auxiliary Contact S2C-H11L 1 piece 2CDS200936R0002 S2C-H20L - Auxiliary Contact S2C-H20L 1 piece 2CDS200936R0003 S2C-H02L - Auxiliary Contact S2C-H02L 1 piece 2CDS200946R0001 S2C-H6-11R - Auxiliary Contact S2C-H6-11R 1 piece 2CDS200946R0002 S2C-H6-20R - Auxiliary Contact S2C-H6-20R 1 piece 2CDS200946R0003 S2C-H6-02R - Auxiliary Contact S2C-H6-02R 1 piece 2CDS200970R0001 S2C-H01 - Auxiliary Contact S2C-H01 1 piece 2CDS200970R0002 S2C-H10 - Auxiliary Contact S2C-H10 1 piece 2CSS200911R0001 S2C-UA 12 DC - Undervoltage release S2C-UA 12 DC 1 piece 2CSS200911R0002 S2C-UA 24 AC - Undervoltage release S2C-UA 24 AC 1 piece 2CSS200911R0003 S2C-UA 48 AC - Undervoltage release S2C-UA 48 AC 1 piece 2CSS200911R0004 S2C-UA 110 AC - Undervoltage releaseS2C-UA 110 AC 1 piece 2CSS200911R0005 S2C-UA 230 AC - Undervoltage release S2C-UA 230 AC 1 piece 2CSS200911R0006 S2C-UA 400 AC - Undervoltage release S2C-UA 400 AC 1 piece 2CSS200911R0007 S2C-UA 24 DC - Undervoltage release S2C-UA 24 DC 1 piece 2CSS200911R0008 S2C-UA 48 DC - Undervoltage release S2C-UA 48 DC 1 piece 2CSS200911R0009 S2C-UA 110 DC - Undervoltage releaseS2C-UA 110 DC 1 piece 2CSS200911R0010 S2C-UA 230 DC - Undervoltage release S2C-UA 230 DC 1 piece 2CSS200998R0001 S2C-BP - Mechanical tripping device S2C-BP 1 piece 2CSS200999R0001 S2C-EST - Plug-in base S2C-EST 1 piece 2CSS201997R0013 S2C-CM1 - Motor operating device S2C-CM1 1 piece 2CSS203997R0013 S2C-CM2/3 - Motor operating device S2C-CM2/3 1 piece 2CSS204997R0013 S2C-CM4 - Motor operating device S2C-CM4 1 piece GHS2001901R0003 S2C-DH - Mechanical Accessories S2C-DH 1 piece 5 S201-C2 |