công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTP16BA4MS bảng dữ liệu(PDF) 8 Page - ABB

tên linh kiện OTP16BA4MS
Giải thích chi tiết về linh kiện  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTP16BA4MS bảng dữ liệu(HTML) 8 Page - ABB

Back Button OTP16BA4MS Datasheet HTML 4Page - ABB OTP16BA4MS Datasheet HTML 5Page - ABB OTP16BA4MS Datasheet HTML 6Page - ABB OTP16BA4MS Datasheet HTML 7Page - ABB OTP16BA4MS Datasheet HTML 8Page - ABB OTP16BA4MS Datasheet HTML 9Page - ABB OTP16BA4MS Datasheet HTML 10Page - ABB OTP16BA4MS Datasheet HTML 11Page - ABB OTP16BA4MS Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8 Enclosed Switching Products 0115 ABB Low Voltage
9 Enclosed Switching Products 0115 ABB Low Voltage
Securing your power supply | 5
In today’s world, electrical power plays a key role in almost
every activity of our life. For some equipment a reliable,
uninterruptible and free of disturbance power supply is an
absolute need.
From this point of view, a fault in the power supply of
communications systems, hospital apparatus, security
systems, water and gas distribution devices, banking
computers and many other crucial appliance may bring about
serious problems, with consequences that can easily be
imagined.
All these applications can be identified as “Critical Power”
applications: they are specifically designed to leverage a
constant and secure power supply, for example using UPS
equipment or power generators.
In the area of “Critical Power” ABB can offer a wide range of
products, including both components for on board installation
and complete power distribution systems.
These products range from low voltage generators for
generator sets (Gen-set) to iPDU (intelligent Power Distribution
Units) switchboards, and include all types of equipment
specifically required to provide safety and reliability: air,
moulded-case and miniature circuit breakers, protections
against overvoltages, isolators and switch-disconnectors,
contactors, manual and motorized change-over switches,
automatic transfer switches and automatic control units,
current sensors and many other devices.
ABB products comply with the most important international
standards - either European or North American - and with the
requirements of the Navy Registry; they are also designed
and built on the basis of the most modern and advanced
environmental standards.
ABB products are backed by a consolidated experience in
power and automation technologies. They are supported
through a global assistance and service network which covers
more than 100 countries all over the world.
4 | Securing your power supply
Constant commitment
ABB’s solutions and products to ensure
continuity of operation
Critical applications require a constant and reliable power
supply to keep fundamental services running and prevent
serious consequences due to interruption or absence of the
electrical grid. This need is even stronger nowadays because
of the increasing significance of key role, capacity and features
of these systems. In order to ensure the high level of reliability
requested, the system must include generators and UPS
equipment which ensure the right power supply to the critical
loads in case of grid failure.
Critical power applications require a constant and reliable power supply to keep
fundamental services running and prevent serious consequences caused by the
interruption or absence of the electrical grid.
Selection of a source of switching, control and protection capable of sustaining the
needs of a critical power application is paramount, ABB has a well proven track
record within this environment.
Enclosed manual and automatic transfer switches
ABB low voltage component capabilities for critical power applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com