công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F200R bảng dữ liệu(PDF) 4 Page - ABB

tên linh kiện F200R
Giải thích chi tiết về linh kiện  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

F200R bảng dữ liệu(HTML) 4 Page - ABB

  F200R Datasheet HTML 1Page - ABB F200R Datasheet HTML 2Page - ABB F200R Datasheet HTML 3Page - ABB F200R Datasheet HTML 4Page - ABB F200R Datasheet HTML 5Page - ABB F200R Datasheet HTML 6Page - ABB F200R Datasheet HTML 7Page - ABB F200R Datasheet HTML 8Page - ABB F200R Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
System
pro M compact ®
Outstanding features
Applications
b All round protection against contact with live parts in acordance with
DIN VDE 106 part 100.
b Due to new design: Upper and lower shoulders reduced.
More working space between component rows.
Outgoing and incoming connection points easily accessible.
b New, failsafe, bi-directional cylinder lift terminal, ensuring a faster, totally
error-free connection.
As you tighten the screw, the terminal draws together to simultaneously
close the front and rear wiring inputs.
This creates a strong, contactassured connection between the wires and
the device, in a single operation.
Busbar is installed at the back terminals (A). Connection of conductors
on the front terminals (B).
Result: a clear view on all connection points.
Never fumble for the right connection point again.
Substantially improved cross-wiring safety.
Tangible time-savings.
b Connection possible for single, multi and finely stranded conductors
of 0.75 to 25 mm2.
It is also possible to connect conductors with different cross section at
the same time.
b New cross wiring busbars.
Standard length sizes or meter length cutable.
B
A
SK 0051 B 99
SK 0052 B 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35