công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC5294 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện SC5294
Giải thích chi tiết về linh kiện  SMP Male Limited Detent Hermetically Sealed Connector .030 inch Pin Terminal Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC5294 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  SC5294 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC5294 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC5294 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.2 Page 1 of 3
Copyright © 2018
SMP male limited detent solder mount hermetically sealed connector with
solder attachment .030 inch pin terminal, part number SC5294, from Fairview
Microwave is in-stock and ships same day. This SMP male connector operates up
to a maximum frequency of 40 GHz and offers excellent VSWR of 1.25:1. This
blind mate connector is ideal for applications without direct visual or tactile access
to the connection point, for example, when two circuit boards need to be mated.
Fairview’s SMP male solder connector SC5294 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave and
millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
40
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
0.17 in [4.32 mm]
Width/Dia.
0.145 in [3.68 mm]
.
Weight
0.0022 lbs [1 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Kovar
Gold
MIL-G-45204
.
Insulation
7070 Glass
.
Outer Conductor
Kovar
Gold
.
Body
Kovar
Gold
MIL-G-45204
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC5294
DATA SHEET
SMP Male Limited Detent Hermetically Sealed
Connector .030 inch Pin Terminal Solder Attachment
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• Limited Detent SMP Male Con-
nector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• .030 inch Pin Interface Type
• Solder Attachment
• Solder
Features:
• Operating Frequency
of 40 GHz Max.
• Excellent VSWR of 1.25:1
• Blind Mate Connector
• Hermetically Sealed
• Gold Plated Kovar Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test


Số phần tương tự - SC5294

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
SC5290 FAIRVIEW-SC5290 Datasheet
490Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector .075 inch Pin Terminal Solder Attachment
REV 2.0
logo
Intel Corporation
SC5299BRP INTEL-SC5299BRP Datasheet
57Kb / 2P
Intel Technical Advisory
More results

Mô tả tương tự - SC5294

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE44918 PASTERNACK-PE44918 Datasheet
370Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin length
PE44920 PASTERNACK-PE44920 Datasheet
370Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .135 inch Pin Length
PE44922 PASTERNACK-PE44922 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44923 PASTERNACK-PE44923 Datasheet
369Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .060 inch Pin Length
PE44924 PASTERNACK-PE44924 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .065 inch Pin Length
PE44925 PASTERNACK-PE44925 Datasheet
371Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .135 inch Pin Length
PE44926 PASTERNACK-PE44926 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .070 inch Pin Length
PE44927 PASTERNACK-PE44927 Datasheet
369Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .080 inch Pin Length
PE44933 PASTERNACK-PE44933 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal
PE44945 PASTERNACK-PE44945 Datasheet
372Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .030 inch Pin Length, Full Radius
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com