| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM261...ZFG bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] M17 T18 L14 R19 GPIO42 GPIO42_CFG_REG 0x5310 00A8 0x0000 05F7 MDIO0_MDC 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MCAN1_TX 1 O GPIO42 7 IO B2 B3 A4 B5 GPIO43 GPIO43_CFG_REG 0x5310 00AC 0x0000 05F7 EPWM0_A 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO5 2 IO GPMC0_A3 6 O GPIO43 7 IO EPWM0_A 10 O B1 C3 A5 A6 GPIO44 GPIO44_CFG_REG 0x5310 00B0 0x0000 05F7 EPWM0_B 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO8 2 IO GPMC0_A6 6 O GPIO44 7 IO EPWM0_B 10 O D3 A2 B4 A5 GPIO45 GPIO45_CFG_REG 0x5310 00B4 0x0000 05F7 EPWM1_A 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO6 2 IO GPMC0_A4 6 O GPIO45 7 IO EPWM1_A 10 O D2 A3 C5 A4 GPIO46 GPIO46_CFG_REG 0x5310 00B8 0x0000 05F7 EPWM1_B 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO4 2 IO GPMC0_A2 6 O GPIO46 7 IO EPWM4_B 10 O C2 B1 A3 A3 GPIO47 GPIO47_CFG_REG 0x5310 00BC 0x0000 05F7 EPWM2_A 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO3 2 IO GPMC0_A1 6 O GPIO47 7 IO EPWM2_A 10 O C1 B2 A2 B4 GPIO48 GPIO48_CFG_REG 0x5310 00C0 0x0000 05F7 EPWM2_B 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO16 2 IO PR1_PRU0_GPIO7 4 IO GPMC0_A14 6 O GPIO48 7 IO EPWM2_B 10 O AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 38 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |