công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X20006 bảng dữ liệu(PDF) 2 Page - United Automation Ltd. All rights reserved

tên linh kiện X20006
Giải thích chi tiết về linh kiện  For FC36M & FC36MV Firing Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Trang chủ  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X20006 bảng dữ liệu(HTML) 2 Page - United Automation Ltd. All rights reserved

  X20006 Datasheet HTML 1Page - United Automation Ltd. All rights reserved X20006 Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X10652 THYRISTOR | TRIAC DRIVERS
Commander Module CM-FC36(M/MV)
For FC36M & FC36MV Firing Circuits
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
1 July 2025 | Issue: 11
Page
2 of 2
INSTALLATION & DIMENSIONS
RECOMMENDATIONS
FUSING
It is recommended to use semiconductor (fast acting) type fuses or circuit breakers (Semiconductor -
MCB) for unit protection. On initial switch on some loads may need an increased Factor of Safety (F of
S) for unit and/or device protection. See SRA datasheet for information.
DOCUMENTS
Other documents available on request, which may be appropriate for your application:
Code
Identity
Description
X10248 FC36M
Data Sheet
X20004 FC36M
FC36M User Installations Manual
X20005 CM-FC36(M/MV) Commander Module – programming manual
X10622 FC36MV
Data Sheet
X20006 FC36MV
FC36MV User Installations Manual
X10255 SRA
Safety Requirements: Addressing the Low Voltage Directive
(LVD)
P01.1
COS
UAL Conditions of Sale
Note: It is recommended that installation and maintenance of this equipment should be done with reference to the current edition of the I.E.T.
(formally I.E.E.) regulations (BS7671) by suitably qualified/trained personnel. The regulations contain important requirements regarding installation
and safety of electrical equipment. Specific installers should refer to local and national regulations.
OPTIONAL EXTRAS
Product Code
Product Description
J02001
RJ45 lead - Connections lead – 1.0m long
Contact our sales
desk
Optional RJ45 socket connection – rear entry
Optional Bespoke (customer-specified) fascia membrane
For more details, please contact us enquiries@united-automation.com
PRODUCT CODE AND RELATED PRODUCT CODE
Product Code
Product Description
A402131
Commander Module – CM-FC36 (M/MV)



Html Pages

1 2