| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X20004 bảng dữ liệu(PDF) 2 Page - United Automation Ltd. All rights reserved |
|
|
|||||||||||||||||||||||||||||
X20004 bảng dữ liệu(HTML) 2 Page - United Automation Ltd. All rights reserved |
|
2 / 2 page ![]() X10652 THYRISTOR | TRIAC DRIVERS Commander Module CM-FC36(M/MV) For FC36M & FC36MV Firing Circuits BMF House - Wight Moss Way, Southport Business Park Southport PR8 4HQ ENGLAND, UNITED KINGDOM Contact Us: 0044 (0) 1704-516 501 enquiries@united-automation.com www.united-automation.com unitedautomationltd UA_Limited 1 July 2025 | Issue: 11 Page 2 of 2 INSTALLATION & DIMENSIONS RECOMMENDATIONS FUSING It is recommended to use semiconductor (fast acting) type fuses or circuit breakers (Semiconductor - MCB) for unit protection. On initial switch on some loads may need an increased Factor of Safety (F of S) for unit and/or device protection. See SRA datasheet for information. DOCUMENTS Other documents available on request, which may be appropriate for your application: Code Identity Description X10248 FC36M Data Sheet X20004 FC36M FC36M User Installations Manual X20005 CM-FC36(M/MV) Commander Module – programming manual X10622 FC36MV Data Sheet X20006 FC36MV FC36MV User Installations Manual X10255 SRA Safety Requirements: Addressing the Low Voltage Directive (LVD) P01.1 COS UAL Conditions of Sale Note: It is recommended that installation and maintenance of this equipment should be done with reference to the current edition of the I.E.T. (formally I.E.E.) regulations (BS7671) by suitably qualified/trained personnel. The regulations contain important requirements regarding installation and safety of electrical equipment. Specific installers should refer to local and national regulations. OPTIONAL EXTRAS Product Code Product Description J02001 RJ45 lead - Connections lead – 1.0m long Contact our sales desk Optional RJ45 socket connection – rear entry Optional Bespoke (customer-specified) fascia membrane For more details, please contact us enquiries@united-automation.com PRODUCT CODE AND RELATED PRODUCT CODE Product Code Product Description A402131 Commander Module – CM-FC36 (M/MV) |