công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X10213 bảng dữ liệu(PDF) 2 Page - United Automation Ltd. All rights reserved

tên linh kiện X10213
Giải thích chi tiết về linh kiện  9kW, 12kW, 18kW and 24kW 1-Phase Burst Fire Power Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Trang chủ  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10213 bảng dữ liệu(HTML) 2 Page - United Automation Ltd. All rights reserved

  X10213 Datasheet HTML 1Page - United Automation Ltd. All rights reserved X10213 Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X10591 HVAC | HEATER BATTERY CONTROLLER
PR1-E SERIES
9kW, 12kW, 18kW and 24kW
1-Phase Burst Fire Power Controller
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
10 February 2026 | Issue: 8
Page
2 of 2
INSTALLATION
Cooling requirements
This robust stack assembly has an operational temperature of 65°C
when naturally cooled and has a built-in 90°C over-temperature trip on
the heatsink as a safety feature. The unit should be mounted
vertically, with heatsink fins top to bottom, and with sufficient
surrounding air space to maximise natural convection cooling. If the
unit is mounted in an enclosure or cabinet, adequate ventilation and/or
forced air-cooling should be fitted.
Load considerations
The PR-series of power controllers are designed for resistive type
loads, e.g., Heaters. Unusual heating loads such as Molybdenum,
Platinum or Tungsten have a typical, 10:1, hot to cold, resistance ratio
and therefore, when cold, draw larger currents than normal
Connections
This unit has simple clamp type connectors for all auxiliary-wiring
requirements.
NOTE: It is factory set for an internal power supply. For alternative
volts ‘free alarm’ supply details see Functions section. Please contact
our technical support for further details.
FUNCTIONS
Alarm Relay
The alarm circuit has voltage free relay contacts and are rated up to
2A @ 125V ac (RMS) load.
The internal supply to the relay is obtained from the transformer via a
20mm 1A fuse. These are connected to the Live and Neutral supply
and therefore the relay and LED can only energise when there is an
over-temperature condition or sensor fault, as long as the supply is
present.
Over Temperature Protection
When a heatsink temperature of above 90°C is detected by the
sensor, the alarms relay changes state, and the LED pulses rapidly.
The power to the load will be disconnected and will not return until the
temperature drops to 85°C
Temperature Sensor Loss
LED status changes to ON/OFF (fast pulsing) if the sensor fails.
Fault Condition
The default setting of DIL switch (SW1) is in the ON position, the alarm
relay will be energised under a fault condition. Changing SW1 to the
off position will energise the alarm relay continuously until a fault
condition occurs.
Remote Supply
The unit will be factory set for an internal supply. If there is a
requirement for the alarm relay and LED to energise when a phase
fault condition occurs, then there is provision for an external 24V ac or
dc supply.
NOTE: If the remote supply is utilised, the main supply must come on
before it is switched on.
RECOMMENDATIONS
FUSING
It is recommended that fast acting semiconductor type fuses (as supplied) be used for protection. See SRA Data sheet X10255 for further
information. Other external supplies should be fused accordingly.
CE Marking
This family carries a “CE” marking. These burst fire controllers do not normally require a remote filter. For more information contact our sales desk.
A Declaration of Conformity available on request.
DOCUMENTS
Other documents available on request, which may be appropriate for your application:
Code
Identity
Description
X10213
ITA
Interaction: Uses for phase angle and for burst fire control
X10255
SRA
Safety Requirements: Addressing the Low Voltage Directive (LVD) including, Thermal Data/Cooling, Live Parts
Warning, Earthing Requirements and Fusing Recommendations
P01.1
COS
UAL Conditions of Sale
NOTE- It is recommended that installation and maintenance of this equipment should be carried out by suitably qualified/trained personnel with
reference to the current edition of the I.E.E. wiring regulations (BS7671 The regulations contain important requirements regarding the safety of
electrical equipment. For International Standards refer to I.E.C/ Directive IEC 60950.
PRODUCT CODE AND RELATED PRODUCT CODE
Product Code
Product Description
A412222-HV
PR1-E-9kW HVAC Single Phase, Heater Battery Controller - Enclosed
A412232-HV
PR1-E-12kW HVAC Single Phase, Heater Battery Controller - Enclosed
A412252-HV
PR1-E-24kW HVAC Single Phase, Heater Battery Controller - Enclosed



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com