công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL60FP bảng dữ liệu(PDF) 76 Page - ABB

tên linh kiện OTPL60FP
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL60FP bảng dữ liệu(HTML) 76 Page - ABB

Back Button OTPL60FP Datasheet HTML 72Page - ABB OTPL60FP Datasheet HTML 73Page - ABB OTPL60FP Datasheet HTML 74Page - ABB OTPL60FP Datasheet HTML 75Page - ABB OTPL60FP Datasheet HTML 76Page - ABB OTPL60FP Datasheet HTML 77Page - ABB OTPL60FP Datasheet HTML 78Page - ABB OTPL60FP Datasheet HTML 79Page - ABB OTPL60FP Datasheet HTML 80Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
—
Front operated switch-disconnectors OT160...800, base mounting, IEC
Including a black ON-OFF plastic pistol handle and shaft as standard. The handle is
IP65 protected, padlockable in the OFF-position. The door is interlocked when the handle
is in ON position and in OFF position when the handle is padlocked. The shaft can be
adjusted
to different installation depths, see mounting depths in page 127.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
3
200
200/160
OT160EV03P
1SCA120514R1001
1.6
4
200
200/160
OT160EV04P
1SCA120521R1001
2.0
3
200
200/160
OT160EV12P
1SCA120529R1001
1.6
4
200
200/160
OT160EV22P
1SCA120537R1001
2.0
3
200
200/200
OT200E03P
1SCA022712R0800
1.6
4
200
200/200
OT200E04P
1SCA022713R4930
2.0
3
200
200/200
OT200E12P
1SCA022721R3990
1.6
4
200
200/200
OT200E22P
1SCA022721R4020
2.0
3
250
250/250
OT250E03P
1SCA022710R0100
1.6
4
250
250/250
OT250E04P
1SCA022710R0520
2.0
3
250
250/250
OT250E12P
1SCA022721R4110
1.6
4
250
250/250
OT250E22P
1SCA022721R4290
2.0
3
315
315/315
OT315E03P
1SCA022718R8510
3.1
4
315
315/315
OT315E04P
1SCA022719R1730
3.7
3
315
315/315
OT315E12P
1SCA022727R4190
3.1
4
315
315/315
OT315E22P
1SCA022727R4270
3.7
3
400
400/400
OT400E03P
1SCA022718R8780
3.1
4
400
400/400
OT400E04P
1SCA022719R1810
3.7
3
400
400/400
OT400E12P
1SCA022727R5750
3.1
4
400
400/400
OT400E22P
1SCA022727R5830
3.7
3
630
630/630
OT630E03P
1SCA022718R8940
6.3
3+N 1)
630
630/630
OT630E03N3P 1SCA022779R4860
6.7
4
630
630/630
OT630E04P
1SCA022719R2030
7.5
3
630
630/630
OT630E12P
1SCA022753R4790
6.3
4
630
630/630
OT630E22P
1SCA022753R4870
7.5
3
800
800/800
OT800E03P
1SCA022718R9410
6.3
3+N 1)
800
800/800
OT800E03N3P 1SCA022779R4780
6.7
4
800
800/800
OT800E04P
1SCA022719R2110
7.5
3
800
800/800
OT800E12P
1SCA022753R5170
6.3
4
800
800/800
OT800E22P
1SCA022753R5250
7.5
1)
Include a detachable neutral link integrated into the mechanism.
—
Shafts, pistol handles and terminal bolt kits included as standard
Suitable for switches
Shaft
Handle
Terminal bolt kit
OT160EV…250_P
OXP6X210
OHB65J6
M8x25
OT315…400_P
OXP12X185
OHB95J12
M10x30
OT630…800_P
OXP12X185
OHB125J12
M12x40
OT315...400E03P
OT630...800E03P
OT630...800E04P
OT630...800E22P
OT630...800E12P
76
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
76
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com