| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APM32F103R8T6-R bảng dữ liệu(PDF) 74 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32F103R8T6-R bảng dữ liệu(HTML) 74 Page - Geehy Semiconductor Co., Ltd. |
|
74 / 78 page ![]() w w w . g e e h y. c o m P a g e 73 9 Commonly Used Function Module Denomination Table53 Commonly Used Function Module Denomination Chinese description Abbreviation Reset management unit RMU Clock management unit CMU Reset and clock management unit RCM External Interrupt EINT General-purpose IO GPIO Multiplexing IO AFIO Wake-up controller WUPT Buzzer BUZZER Independent watchdog timer IWDT Window watchdog timer WWDT Timer TMR CRC controller CRC Power management unit PMU Backup register BAKPR DMA controller DMA Analog-to-digital converter ADC Digital-to-analog converter DAC Real-time clock RTC External memory controller EMMC SDIO interface SDIO USBD device controller USBD Controller local area network CAN USBD OTG OTG Ethernet ETH I2C Interface I2C Serial peripheral interface SPI Universal asynchronous transmitter receiver UART Universal synchronous and asynchronous transmitter receiver USART Flash interface control unit FMC |