| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SED1567DBB bảng dữ liệu(PDF) 9 Page - Epson Company |
|
|
|||||||||||||||||||||||||||||
SED1567DBB bảng dữ liệu(HTML) 9 Page - Epson Company |
|
9 / 54 page ![]() Part number Duty Display RAM (bits) Microprocessor interface Frequency (KHz) Package Application/additional features LCD voltage range (V) Supply voltage range (V) Segment Common 8-bit S1D15303D15B* 2.4 to 6.0 4.5 to 16 1/17 116 17 132 ×65 bit parallel – Au bump chip (SED1533DFB) or Serial S1D15400D00A* Al pad chip (SED1540D0A) S1D15400D00B* 2.4 to 7.0 3.5 to 11 1/3, 1/4 73 3, 4 2,560 bit 8-bit 18(internal), Au bump chip (SED1540D0B) parallel 4(external) S1D15400F00A* QFP5-100pin (SED1540F0A) S1D15600D00A* Al pad chip (SED1560D0A) S1D15600D10A* Al pad chip (SED1560DAA) S1D15600D00B* 8-bit Au bump chip (SED1560D0B) 2.4 to 6.0 6.0 to 16 1/48,1/49, 102 65 166 ×65 bit parallel 18 S1D15600D10B* 1/64,1/65 or Serial Au bump chip (SED1560DAB) S1D15600T00B* TCP (SED1560T0B) S1D15600T26A* QTCP (SED1560TQA) S1D15601D00A* Al pad chip (SED1561D0A) S1D15601D00B* Au bump chip (SED1561D0B) S1D15601D10B* 8-bit Au bump chip (SED1561DAB) 2.4 to 6.0 6.0 to 16 1/24,1/25, 134 33 166 ×65 bit parallel 18 S1D15601T00B* 1/32,1/33 or Serial TCP (SED1561T0B) S1D15601T10B* TCP (SED1561TAB) S1D15601T26A* QTCP (SED1561TQA) S1D15602D00A* Al pad chip (SED1562D0A) S1D15602D00B* 8-bit Au bump chip (SED1562D0B) 2.4 to 6.0 6.0 to 16 1/16,1/17 150 17 166 ×65 bit parallel 18 S1D15602T00B* (1/5 bias) or Serial TCP (SED1562T0B) S1D15602T26A* QTCP (SED1562TQA) S1D15605D11B* Au bump chip (SED1565DBB) S1D15605D00B* Au bump chip (SED1565D0B) S1D15605D01B* Au bump chip (SED1565D1B) 8-bit S1D15605D02B* 1.8 to 5.5 4.5 to 16 1/65 132 65 132 ×65 bit parallel 33 Au bump chip Built-in power circuit (SED1565D2B) (1/7,1/9 bias) or Serial for LCD (DC/DC ×4) S1D15605T00A* TCP (SED1565T0A) S1D15605T00B* TCP (SED1565T0B) S1D15605T00C* TCP (SED1565T0C) Built-in power circuit for LCD (DC/DC ×4) Common : Left side no VREF Built-in power circuit for LCD (DC/DC ×3) S1D15600*00B* (SED1560*0B) : 1/9 bias S1D15600*10B* (SED1560*AB) : 1/7 bias Built-in power circuit for LCD (DC/DC ×3) S1D15601*00B* (SED1561*0B) : 1/7 bias S1D15601*10B* (SED1561*AB) : 1/5 bias Built-in power circuit for LCD (DC/DC ×3) |