| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OT2000EP03P bảng dữ liệu(PDF) 36 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OT2000EP03P bảng dữ liệu(HTML) 36 Page - ABB |
|
36 / 192 page ![]() — Manual switch-disconnectors OT16...160 Dimensional drawings OT160G switch-disconnectors, IEC and UL/CSA Protection and Connection ABB Oy Piirustus No. Document No. Teki Prepared 13/OT160G_ E 2017-11-14 J Lehtimäki/T Mäkkylä 77 3.03 16,7 0.66 53,6 2.11 52 2.05 65 2.56 36 1.42 23 0.91 30,5 1.20 61,6 2.43 11,4 0.45 12 min 0.47 45 1.77 9,6 0.38 45 1.77 65 2.56 230...248 / 9.06...9.77 ( OXP 6x210) 33 1.30 27 1.06 27 1.06 16,5 0.65 86 3.39 7 0.28 3-pole: 72/ 2.83 4-pole: 99/ 3.90 3-pole: 70.5/ 2.78 4-pole: 97.5/ 3.84 3-pole: 123/4.85 4-pole: 150/ 5.91 72 2.83 4,5 0.18 19,5 0.77 11 0.43 65 2.56 130 5.12 80,1 3.15 123 4.84 76,1 3.00 110 4.33 41,5 1.63 mm in 6 / 0.24 6 / 0.24 I ON OT160G03/04_ 4,5 0.18 3-pole: 123/ 4.85 4-pole: 150/ 5.91 3-pole: 72/ 2.83 4-pole: 99/ 3.90 3-pole: 70,5/ 2.78 4-pole: 97,5/ 3.84 7 0,28 27 1.06 27 1.06 80 3.15 110 4.33 123 4.85 12 0.47 8 0.31 65 2.56 45 1.77 65 2.56 130 5.12 35 1.38 3-pole: 138,5/ 5.46 4-pole: 165,5/ 6.52 73 2.87 76 2.99 41 1.61 53,5 2.11 56 2.20 27 1.06 28 1.10 56 2.20 49,5 1.95 28 1.10 65 2.56 86 3.39 mm in 45 1.77 6 0.24 OT160GT03/04_ Main dimensions mm, inches 36 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 36 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |