| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF72 bảng dữ liệu(PDF) 2 Page - Cantherm |
|
|
|||||||||||||||||||||||||||||
MF72 bảng dữ liệu(HTML) 2 Page - Cantherm |
|
2 / 4 page ![]() Dimensions (mm) Power NTC Thermistor. The MF72 series Power NTC Thermistors provide inrush current suppression for sensitive electronics. Connecting a MF72 in series with the power source will limit the current surges typically created at turn on. Once the circuit is energized the resistance of the MF72 will decrease rapidly to a very low value, power consumption can be ignored and there will be no effect on normal operating current. Using the MF72 Power NTC Thermistor is a most cost-effective way to curb surge current and protect sensitive electronics from damage. MF72 Specification Part No. / Dim(mm) / Sym Dmax Tmax d +/- 0.05 Fig. II / I F1 +/-1 Fig. II / I F2 +/-1.5 Fig. II / I Straight Lead Wire Curved Lead Wire A +/-.5 Lmin. b L2+/-2 MF72- ❏D5 7 5 0.6 / 0.45 5 / 2.5 3 25 * 17/5 8/5 1.65 MF72- ❏D7 9 5 0.6 5 3 25 17/5 8/5 1.9 MF72- ❏D9 11 5.5 0.8 / 0.6 7.5 / 5 5 / 3 25 17/5 8/5 2.3 MF72- ❏D11 13 5.5 0.8 7.5 / 5 5 / 3 25 17/5 8/5 2.6 MF72- ❏D13 15.5 6 0.8 7.5 5 25 17/5 8/5 2.6 MF72- ❏D15 17.5 6 0.8 10 / 7.5 5 25 17/5 8/5 2.8 MF72- ❏D20 22.5 7 1.0 10 / 7.5 / 25 * / / 3.5 MF72- ❏D25 27.5 8 1.0 10 / 25 * / / 3.5 Remark b, 17/5 17 indicates the long bent lead wire, 5 indicates the short bent lead wire (Fig. III) Illustration: In general, the long bent lead wire is used, see figure II * Straight Leads are Standard Add suffix “L” + Fig. # to specify optional leads. |